Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDW9926NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

Part No. FDW9926NZ
Description  Common Drain N-Channel 2.5V specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDW9926NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
FDW9926NZ Rev. D(W)
Typical Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
3.5V
2.5V
2.0V
VGS = 4.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
VGS = 2.0V
3.5V
3.0V
4.5V
2.5V
4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 4.5A
VGS = 4.5V
0.01
0.03
0.05
0.07
0.09
0
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.25A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
30
0
1
2
3
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn