Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDW9926NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. FDW9926NZ
Description  Common Drain N-Channel 2.5V specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDW9926NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
January 2005
©2005 Fairchild Semiconductor Corporation
FDW9926NZ Rev. D(W)
FDW9926NZ
Common Drain N-Channel 2.5V specified PowerTrench
® MOSFET
General Description
This N-Channel 2.5V specified MOSFET is a rugged
gate version of Fairchild's Semiconductor’s advanced
PowerTrench process. It has been optimized for power
management applications with a wide range of gate
drive voltage (2.5V – 10V).
Applications
Battery protection
Load switch
Power management
Features
4.5 A, 20 V. RDS(ON) = 32 m
Ω @ V
GS = 4.5 V
RDS(ON) = 45 m
Ω @ V
GS = 2.5 V
ESD protection diode (note 3)
High performance trench technology for extremely
low RDS(ON) @ VGS = 2.5 V
Low profile TSSOP-8 package
D1
S1
S1
G1
D2
S2
S2
G2
TSSOP-8
Pin 1
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
4.5
A
– Pulsed
30
PD
Total Power Dissipation
(Note 1a)
1.6
W
(Note 1b)
1.1
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
77
°C/W
(Note 1b)
114
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
9926NZ
FDW9926NZ
13’’
12mm
2500 units


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn