Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200-48S1V2B-4L Datasheet(PDF) 11 Page - Emerson Network Power

Part # AGQ200-48S1V2B-4L
Description  Delivering up to 40A output current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200-48S1V2B-4L Datasheet(HTML) 11 Page - Emerson Network Power

Back Button AGQ200-48S1V2B-4L Datasheet HTML 5Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 6Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 7Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 8Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 9Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 10Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 11Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 12Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 13Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AGQ200-48S1V2 DC-DC Converter
11/13
http://www.emersonnetworkpower.com.cn
Mechanical Diagram
57.9 [2.280]
50.83 [2.001]
7
5
6
4
8
2
3
Bottom view
1
6-Ф1.0±0.1
6-Ф2.0±0.1
2-Ф1.5±0.1
Load board
Unit: mm[inch]
Bottom view: pin on upside
Tolerance: X.Xmm±0.5mm[X.X in.±0.02in.]
X.XXmm±0.25mm[X.XX in.±0.01in.]
Side view
Figure 17 Mechanical diagram
Pin length options
Device code suffix
L
-4
4.8mm±0.2mm
-6
3.8mm±0.2mm
-8
2.8mm±0.2mm
None
5.8mm±0.2mm


Similar Part No. - AGQ200-48S1V2B-4L

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Nais(Matsushita Electri...
AGQ20003 NAIS-AGQ20003 Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
Panasonic Semiconductor
AGQ20003 PANASONIC-AGQ20003 Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Nais(Matsushita Electri...
AGQ20006 NAIS-AGQ20006 Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
Panasonic Semiconductor
AGQ20006 PANASONIC-AGQ20006 Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
More results

Similar Description - AGQ200-48S1V2B-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200B-48S3V3 EMERSON-NETWORKPOWER-AGQ200B-48S3V3 Datasheet
320Kb / 14P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com