Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200B-48S3V3P-4L Datasheet(PDF) 8 Page - Emerson Network Power

Part # AGQ200B-48S3V3P-4L
Description  Delivering up to 40A output current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200B-48S3V3P-4L Datasheet(HTML) 8 Page - Emerson Network Power

Back Button AGQ200B-48S3V3P-4L Datasheet HTML 4Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 5Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 6Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 7Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 8Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 9Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 10Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 11Page - Emerson Network Power AGQ200B-48S3V3P-4L Datasheet HTML 12Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AGQ200B-48S3V3 DC-DC Converter
8/14
http://www.emersonnetworkpower.com.cn
Application Note
Typical Application
AGQ200
EMI Filter
Fuse
Vdc
In+
In-
Out+
Out-
C1
C2
Vin+
CNT
Vin-
Vo+
S+
Trim
S-
Vo-
C3
C4
Load
Figure 11 Typical application
C1: 100µF/100V electrolytic capacitor, P/N: UVZ2A101MPD (Nichicon) or equivalent caps
C2: 1µF/100V X7R ceramic capacitor
C3: 1µF/25V X7R ceramic capacitor
C4: 470µF/25V electrolytic capacitor, P/N: UPM1E471MPD (Nichicon) or equivalent caps
External fast blow fuse with a rating of 15A should be used in the application.
If the load is far from the unit, connect S+ and S- to the terminal of the load respectively to
compensate the voltage drop on the transmission line.
Remote ON/OFF
Either positive or negative remote ON/OFF logic is available in AGQ200B-48S3V3.
The following figure is the detailed internal circuit and reference in AGQ200B-48S3V3.
PWM
controller
PWM
controller
UVLO
12V
19.7k
4.7k
Remote
ON/OFF
Negative logic
Positive logic
12V
+Vin
15k
85.6k
6.8k
15k
Remote
ON/OFF
Figure 12 Remote ON/OFF internal diagram


Similar Part No. - AGQ200B-48S3V3P-4L

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results

Similar Description - AGQ200B-48S3V3P-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com