Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7411_ANOMALY Datasheet(PDF) 2 Page - Analog Devices

Part # ADT7411_ANOMALY
Description  This anomaly list describes the known bugs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411_ANOMALY Datasheet(HTML) 2 Page - Analog Devices

  ADT7411_ANOMALY Datasheet HTML 1Page - Analog Devices ADT7411_ANOMALY Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADT7411
Silicon Anomaly
ANOMALIES
Table 1. Averaging Function [er001]
Background
Averaging mode may output incorrect measurements before giving a final result.
Issue
Averaging mode enabled (for any channel) may output incorrect results.
Workaround
Disable the averaging function by setting C5 = 1 in the Control Configuration 2 register. The user may still accomplish
averaging by reading back 16 conversions and averaging all 16 readings to get a value that has reduced noise levels.
Related Issues
None.
Table 2. Round Robin (Fast Clock Mode Only) [er002]
Background
Erroneous results can be read intermittently in round robin fast clock mode (SPI and I2C).
Issue
As the temperature of the device is ramped from cold to hot, irregular temperature and/or voltage measurements may
be obtained.
Workarounds
Enable slow clock mode by setting C0 = 0 in the Control Configuration 3 register.
Related Issues
None.
Table 3. Single Channel (Continuous Monitoring Mode Only) [er003]
Background
Changing a channel in single channel continuous monitoring mode during a conversion can result in data being
written into the new channel register instead of the previous register (SPI and I2C).
Issue
An error can be obtained where the data read back appears from the previous converted channel instead of the
current channel.
Workaround
Disable continuous monitoring before changing a channel. Once a channel is selected, turn monitoring on, wait for a
conversion and then turn monitoring off. Wait one conversion period to allow any in progress conversion to complete
before changing the channel; then take a measurement. The recommended list of steps are described in the
Workaround Steps for the er003 section.
Related Issues
None.
Workaround Steps for the er003
1. Enable single channel mode by setting C4 = 1 in the Control Configuration 2 register.
2. Set monitoring off (Set C0 = 0 in the Control Configuration 1 register).
3. Select a channel, for example, the channel for internal temperature (write 0x71 to Control Configuration 2 register).
4. Set monitoring on (Bit C0 = 1 in the Control Configuration 1 register).
5. Wait 2x the typical conversion time for the channel selected (depending on which one is being measured, the power supply [VDD]
or the analog input [AIN]) and 3x the typical conversion time for the temperature conversion.
6. Set monitoring off (Bit C0 = 0 in the Control Configuration 1 register).
7. Wait 1x the typical conversion time to allow any in progress conversion to complete before changing the channel.
8. Take a measurement.
9. Select the next channel (go back to Step 3).
Table 4. Software Reset (Round Robin Only) [er004]
Background
Erroneous results can be read if resetting the part repeatedly in round robin mode.
Issue
Resetting the part repeatedly by setting Bit C7 = 1 in Control Configuration 2, can cause all data registers to read back
00 after several software resets.
Workaround
Power down the part by setting Bit D7 (PD) = 1 in Control Configuration 1 and power up the part again by clearing
Bit D7 = 0 in Control Configuration 1, just before asserting the software reset bit in Control Configuration 2.
Related Issues
None.
©2006–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
S02882-0-8/14(A)


Similar Part No. - ADT7411_ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQ AD-ADT7411ARQ Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411ARQ AD-ADT7411ARQ Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL AD-ADT7411ARQ-REEL Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411ARQ-REEL AD-ADT7411ARQ-REEL Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL7 AD-ADT7411ARQ-REEL7 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
More results

Similar Description - ADT7411_ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124_7126_ANOMALY AD-ADUC7124_7126_ANOMALY Datasheet
101Kb / 5P
   This anomaly list describes the known bugs
ADUC845_847_848ANOMALY AD-ADUC845_847_848ANOMALY Datasheet
100Kb / 4P
   This anomaly list represents the known bugs
logo
Texas Instruments
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
logo
STMicroelectronics
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
   This note describes the performances
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com