Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM320 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM320
Description  Fully differential and single-ended modes
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM320 Datasheet HTML 4Page - Analog Devices ADUCM320 Datasheet HTML 5Page - Analog Devices ADUCM320 Datasheet HTML 6Page - Analog Devices ADUCM320 Datasheet HTML 7Page - Analog Devices ADUCM320 Datasheet HTML 8Page - Analog Devices ADUCM320 Datasheet HTML 9Page - Analog Devices ADUCM320 Datasheet HTML 10Page - Analog Devices ADUCM320 Datasheet HTML 11Page - Analog Devices ADUCM320 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 7 of 30
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Full-Scale Error
IDAC set to 85% of full scale
IDAC0, IDAC1
±0.75
%
25°C to 105°C range
±3.5
%
−40°C to +105°C range
IDAC2, IDAC3
±0.75
%
−40°C to +105°C range
Full-Scale Error Drift
IDAC0, IDAC1
Internal VREF
−40°C to +85°C
25
µA/°C
25°C to 85°C
5
µA/°C
IDAC2, IDAC3
2
µA/°C
Internal VREF
Integral Nonlinearity
INL
±3
±6
LSB
1 LSB = 150 mA/211
Differential Nonlinearity
DNL
−0.99
+1.5
LSB
Guaranteed 11-bit monotonic,
1 LSB = 150 mA/211
Zero-Scale Error
±50
µA
Zero-Scale Error Drift
IDAC0, IDAC1
±300
nA/°C
IDAC2, IDAC3
±800
nA/°C
Noise Current
2
µA
IDACxCON[5:2] = 0
Pull-Down Current
−220
−165
−100
µA
When enabled
Settling Time
IDACxCON[5:2] = 0
To 0.1%
100
µs
±4 mA change from midscale
To 1%
50
µs
±4 mA change from midscale
Full Scale to 0 mA
20
µs
Pull-down enabled
Overheat Shutdown
135
°C
Junction temperature
PVDD ACPSRR
IDACxCON[5:2] = 0
100 Hz
51
dB
1 kHz
45
dB
10 kHz
25
dB
100 kHz
10
dB
COMPARATOR
Input
Offset Voltage
±10
mV
Bias Current
1
nA
Voltage Range1
AGNDx
AVDDx – 1.2
V
Capacitance
7
pF
Hysteresis1
8.5
15
mV
When enabled in software
Response Time
7
µs
AFECOMP[2:1] = 0
TEMPERATURE SENSOR
Indicates die temperature, see
Figure 9
Resolution
0.5
°C
When precision calibrated by the
user6
Accuracy1
1.34
1.43
V
ADC measured voltage for
temperature sensor channel without
calibration, T = 25°C
POWER-ON RESET
POR
2.85
2.9
V
External Reset Minimum Pulse Width1
1.5
µs
Minimum pulse width required on
external reset pin to trigger a reset
sequence
WATCHDOG TIMER
WDT
Timeout Period
32
sec
Default at power-up
FLASH/EE MEMORY
Endurance1
10,000
Cycles
Data Retention1
20
Years
TJ = 85°C


Similar Part No. - ADUCM320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
More results

Similar Description - ADUCM320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
EL4544 INTERSIL-EL4544_07 Datasheet
783Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
   Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com