Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AU Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 2N2222AU
Description  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2N2222AU Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  2N2222AU Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2N2222AU Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2N2222AU Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated18/01/2016
Rev03
®
SEMTECH ELECTRONICS LTD.
2N2222AU
NPN Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
75
V
Collector Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
- 55 to + 150
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 0.1 mA
at VCE = 10 V, IC = 1 mA
at VCE = 10 V, IC = 10 mA
at VCE = 10 V, IC = 150 mA
at VCE = 10 V, IC = 500 mA
hFE
hFE
hFE
hFE
hFE
35
50
75
100
40
-
-
-
300
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
10
nA
Collector Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
75
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
-
0.3
1
V
Base Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
VBE(sat)
0.6
-
1.2
2
V
Gain Bandwidth Product
at IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
250
-
MHz
Collector Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
8
pF


Similar Part No. - 2N2222AU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2222AU MICROSEMI-2N2222AU Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR NPN SILICON
Rev. - 4/15/98
logo
First Silicon Co., Ltd
2N2222AU FS-2N2222AU Datasheet
331Kb / 3P
   General Purpose Transistor
logo
Microsemi Corporation
2N2222AU-1 MICROSEMI-2N2222AU-1 Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR NPN SILICON
Rev. - 4/15/98
2N2222AUA MICROSEMI-2N2222AUA Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2222AUA MICROSEMI-2N2222AUA Datasheet
144Kb / 7P
   RADIATION HARDENED
More results

Similar Description - 2N2222AU

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com