Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1118 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 2SK1118
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2SK1118 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2SK1118 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2SK1118 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2SK1118 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2SK1118 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 04/01/2016
Rev:01
®
SEMTECH ELECTRONICS LTD.
2SK1118
Electrical Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
at ID = 10 mA
V(BR)DSS
600
-
-
V
Drain-Source Leakage Current
at VDS = 600 V
IDSS
-
-
300
µA
Gate-Source Leakage Current
at VGS = ± 25 V
IGSS
-
-
± 100
nA
Gate-Source Threshold Voltage
at VDS = 10 V, ID = 1 mA
VGS(th)
1.5
-
3.5
V
Drain-Source On-State Resistance
at VGS = 10 V, ID = 3 A
RDS(on)
-
-
1.25
Forward Transconductance
at VDS = 10 V, ID = 3 A
gFS
3
-
-
S
Input Capacitance
at VDS = 10 V, f = 1 MHz
Ciss
-
-
2000
pF
Output Capacitance
at VDS = 10 V, f = 1 MHz
Coss
-
-
380
pF
Reverse Transfer Capacitance
at VDS = 10 V, f = 1 MHz
Crss
-
-
120
pF
Turn-On Delay Time
at VDD = 300 V, VGS = 10 V, ID = 3 A, RL = 100 Ω
td(on)
-
-
80
ns
Turn-On Rise Time
at VDD = 300 V, VGS = 10 V, ID = 3 A, RL = 100 Ω
tr
-
-
50
ns
Turn-Off Delay Time
at VDD = 300 V, VGS = 10 V, ID = 3 A, RL = 100 Ω
td(off)
-
-
170
ns
Turn-Off Fall Time
at VDD = 300 V, VGS = 10 V, ID = 3 A, RL = 100 Ω
tf
-
-
40
ns


Similar Part No. - 2SK1118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1118 TOSHIBA-2SK1118 Datasheet
194Kb / 5P
   N Channel MOS Type(for High Speed, High Current DC-DC Converter, Relay Drive and Motor Diver)
logo
Inchange Semiconductor ...
2SK1118 ISC-2SK1118 Datasheet
255Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1118

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com