Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-C13EU Datasheet(PDF) 1 Page - CUI INC

Part # AC-C13EU
Description  3 PRONG AC CORD, EUROPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AC-C13EU Datasheet(HTML) 1 Page - CUI INC

  AC-C13EU Datasheet HTML 1Page - CUI INC AC-C13EU Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cui.com
date
06/11/2012
page
1 of 2
MODEL:
AC-C13 EU │ DESCRIPTION: 3 PRONG AC CORD, EUROPE
NUMBER
SPECIFICATION
QUANTITY
REMARK
1
Euro plug inner model: 98651
1 pc
2
YP-22 PVC Plastic: 50P black
34 g/pc
3
HO5VV-F 0.75/3G black concave
1 pc
1,810 ±15 mm
4
TER: 97740
3 pcs
5
YC-12 inner body
1 pc
6
YC-12 PVC plastic: 50P black
18 g/pc
MECHANICAL DRAWING
units: mm
TOLERANCE:
>0 ±0.30mm
>1.0 ±0.50mm
>10.0 ±1.0mm
>20.0 ±2.0mm
Angle: ±1°
RoHS
For more information, please visit the product page.


Similar Part No. - AC-C13EU

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC-C13EU CUID-AC-C13EU Datasheet
292Kb / 2P
   3 PRONG AC CORD, EUROPE
10/25/2022
More results

Similar Description - AC-C13EU

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC-C13-EU CUID-AC-C13-EU Datasheet
292Kb / 2P
   3 PRONG AC CORD, EUROPE
10/25/2022
logo
CUI INC
AC-C13-EU CUI-AC-C13-EU_V01 Datasheet
292Kb / 2P
   3 PRONG AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C13EU CUID-AC-C13EU Datasheet
292Kb / 2P
   3 PRONG AC CORD, EUROPE
10/25/2022
logo
CUI INC
AC-C13-JP CUI-AC-C13-JP Datasheet
96Kb / 2P
   3 PRONG AC CORD, JAPAN
logo
CUI Devices
AC-C13JP CUID-AC-C13JP Datasheet
262Kb / 2P
   3 PRONG AC CORD, JAPAN
10/25/2022
AC-C13AU CUID-AC-C13AU Datasheet
267Kb / 2P
   3 PRONG AC CORD, AUSTRALIA
10/25/2022
AC-C13-JP CUID-AC-C13-JP Datasheet
262Kb / 2P
   3 PRONG AC CORD, JAPAN
10/25/2022
logo
CUI INC
AC-C13-AU CUI-AC-C13-AU Datasheet
96Kb / 2P
   3 PRONG AC CORD, AUSTRALIA
AC-C13-CN CUI-AC-C13-CN Datasheet
91Kb / 2P
   3 PRONG AC CORD, CHINA
AC-C13-JP CUI-AC-C13-JP_V01 Datasheet
261Kb / 2P
   3 PRONG AC CORD, JAPAN
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com