Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2533 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2533
Description  LSTTL compatible
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2533 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
InsulationandSafetyRelatedSpecifications
8-PinDIP
(300Mil) SO-8
Parameter
Symbol
Value
Value
Units
Conditions
MinimumExternal
L(101)
7.1
4.9
mm
Measuredfrominputterminalstooutputto
AirGap(External
tooutputterminals,shortestdistancethrough
Clearance)
air.
MinimumExternal
L(102)
7.4
4.8
mm
Measuredfrominputterminalstooutput
Tracking(External
terminals,shortestdistancepathalongbody.
Creepage)
MinimumInternal
0.08
0.08
mm
Throughinsulationdistance,conductorto
PlasticGap
conductor,usuallythedirectdistance
(InternalClearance)
betweenthephotoemitterandphotodetector
insidetheoptocouplercavity.
MinimumInternal
NA
NA
mm
Measuredfrominputterminalstooutput
Tracking(Internal
terminals,alonginternalcavity.
Creepage)
TrackingResistance
CTI
200
200
Volts
DINIEC112/VDE0303Part1
(Comparative
TrackingIndex)
IsolationGroup
IIIa
IIIa
MaterialGroup(DINVDE0110,1/89,Table1)
Option300-surfacemountclassificationisClassAinaccordancewithCECC00802.


Similar Part No. - HCPL-2533

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-2533 BOARDCOM-HCPL-2533 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - HCPL-2533

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
logo
Leshan Radio Company
L74VHC1GT05 LRC-L74VHC1GT05 Datasheet
228Kb / 6P
   Inverter with Open DrainOutput with LSTTL-Compatible Inputs
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A_14 Datasheet
122Kb / 6P
   Quad 2-Input AND Gate with LSTTL Compatible
February, 2014 ??Rev. 9
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
Motorola, Inc
MC74HCT04T MOTOROLA-MC74HCT04T Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com