Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HB70 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB70
Description  Green and Blue 5mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB70 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB70 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Avago Technologies
- 2 -
HLMP-HM70/HM71, HLMP-HB70/HB71
Data Sheet
Device Selection Guide
Device Selection Guide
Part Numbering System
Note: Refer to AB 5337 for complete information on the part numbering system.
Part Number
Color and Dominant
Wavelength
d
(nm), Typa
a.
The dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Luminous Intensity
Iv (mcd) at 20 mAb,c,d
b.
The luminous intensity is measured on the mechanical axis of the lamp package, and it is tested with pulsing condition.
c.
The optical axis is closely aligned with the package mechanical axis.
d.
Tolerance for each intensity bin limit is ±15%.
Standoff
Package
Drawing
Min
Max
HLMP-HB70-TVBDD
Blue 470
800
1380
No
A
HLMP-HB70-TVCDD
Blue 470
800
1380
No
A
HLMP-HB71-TVBDD
Blue 470
800
1380
Yes
B
HLMP-HB71-TVCDD
Blue 470
800
1380
Yes
B
HLMP-HM70-23BDD
Green 525
3500
5040
No
A
HLMP-HM70-23CDD
Green 525
3500
5040
No
A
HLMP-HM71-23BDD
Green 525
3500
5040
Yes
B
HLMP-HM71-23CDD
Green 525
3500
5040
Yes
B
Packaging Option
DD: Ammopack
Color Bin Selection
B: Color bin 2 and 3
C: Color bin 3 and 4
Maximum Intensity Bin
Refer to Device Selection Guide.
Minimum Intensity Bin
Refer to Device Selection Guide.
Standoff/Non Standoff
70: Without Standoff
71: With Standoff
Color
B: Blue
M: Green
Package
H: 5mm Standard Oval 40° x 100°
HLMP-H x xx – x x x x x


Similar Part No. - HLMP-HB70

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB74 AVAGO-HLMP-HB74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HB75 AVAGO-HLMP-HB75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

Similar Description - HLMP-HB70

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com