Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-C117 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C117
Description  Common anode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C117 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C117 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CAUTION: HSMF-C117 LEDs are Class 1A ESD sensitive per MIL-STD-1686. Please observe appropriate precautions
during handling and processing. Refer to Avago Technologies Application Note AN-1142 for additional details.
HSMF-C117
Tricolor ChipLED
Data Sheet
Description
The HSMF-C117 tricolor chip-type LED is designed in
an ultra small package for miniaturization. It is the
first of its kind to achieve such small packaging for 3
dies. With the freedom to have any combination of
colors from mixing of the 3 primary colors, this will
yield a wide variety of colors to suit every application
and product theme.
The small size, narrow footprint, and low profile make
this LED excellent for back-lighting, status indication,
and front panel illumination applications.
In order to facilitate pick and place operation, this
ChipLED is shipped in tape and reel, with 3000 units
per reel. The package is compatible with IR soldering
and binned by both color and intensity.
Features
• Common anode
• Small 3.2 x 2.7 x 1.1 mm package
• Diffused optics
• Red/Green/Blue color
• Available in 8 mm tape on 7" diameter reels
• High brightness using AlInGaP and InGaN die tech-
nology
• Compatible with reflow soldering
Applications
• Backlighting
• Status indicator
• Front panel indicator
• Office automation, home appliances, industrial
equipment


Similar Part No. - HSMF-C117

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMF-C112 BOARDCOM-HSMF-C112 Datasheet
629Kb / 8P
   Tri-Color Top-Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
More results

Similar Description - HSMF-C117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS40-06LT1G ONSEMI-SBAS40-06LT1G Datasheet
127Kb / 3P
   Common Anode Schottky Common Anode Schottky
November, 2011 ??Rev. 8
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N Datasheet
189Kb / 3P
   Cathode & Anode Common
logo
Lucky Light Electronic
LL-509RGBM2E-004 LUCKY-LIGHT-LL-509RGBM2E-004_15 Datasheet
197Kb / 10P
   Common Anode LED
logo
Solid States Devices, I...
SDR623CT-CAP6 SSDI-SDR623CT-CAP6 Datasheet
230Kb / 2P
   COMMON ANODE & CATHODE
logo
Motorola, Inc
MSD6150 MOTOROLA-MSD6150 Datasheet
64Kb / 4P
   Dual Diode Common Anode
logo
Solid States Devices, I...
SH0023 SSDI-SH0023_15 Datasheet
50Kb / 2P
   COMMON ANODE SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
BAW56 SECOS-BAW56 Datasheet
504Kb / 2P
   Dual Chips Common Anode
logo
ON Semiconductor
MSD6150 ONSEMI-MSD6150 Datasheet
110Kb / 3P
   Dual Diode Common Anode
August, 2006 ??Rev. 3
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
   FRD DUAL DIODES - ANODE COMMON
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com