Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMM-C170 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMM-C170
Description  High brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMM-C170 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMM-C170 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMM-C170 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Optical Characteristics at TA = 25˚C
Luminous
Color,
Viewing
Luminous
Intensity
Peak
Dominant
Angle
Efficacy
IV (mcd)
Wavelength
Wavelength
2
T1/2
KV
@ 20 mA[1]
Opeak (nm)
Od[2] (nm)
Degrees[3]
(lm/w)
Part Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
HSMM-C110
Green
45
126
523
525
130
490
HSMM-C120
Green
45
120
523
525
155
490
HSMM-C170/C190/
Green
45
120
523
525
170
490
/C150
HSMN-C110
Blue
11.2
39
468
470
130
77
HSMN-C120
Blue
11.2
35
468
470
155
80
HSMN-C170/C190/
Blue
11.2
35
468
470
170
77
C191/C150
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the lamp package.
2. The dominant wavelength,
Od, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
T1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Color Bin Limits[1]
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Note:
1. Bin categories are established for classification of products. Products may not be available in all
categories. Please contact your Avago representative for information on currently available bins.
2. The Iv binning specification set-up is for lowest allowable Iv binning only. There is no upper Iv bin
limits.
Note:
1. Bin categories are established for class-
ification of products. Products may not be
available in all categories. Please contact
your Avago representative for information
on currently available bins.
Blue Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
460.0
465.0
B
465.0
470.0
C
470.0
475.0
D
475.0
480.0
Tolerance: ± 1 nm
InGaN Green
Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Tolerance: ± 1 nm
Tolerance: ± 15%


Similar Part No. - HSMM-C170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMM-C170 HP-HSMM-C170 Datasheet
229Kb / 8P
   SMT ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C170 AVAGO-HSMM-C170 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HSMM-C170

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com