Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-C191 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMN-C191
Description  High brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMN-C191 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  HSMN-C191 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Figure 17. Tape dimensions.
Figure 18. Tape leader and trailer dimensions.
Reflow Soldering:
For more information on reflow solder-
ing, refer to Application Note AN-1060,
Surface Mounting SMT LED Indicator
Components.
Storage Condition:
5 to 30°C @ 60%RH max.
Baking is required before mounting, if:
1. Humidity Indicator Card is > 10% when
read at 23 ± 5°C.
2. Device expose to factory conditions
<30°C/60%RH more than 672 hours.
Recommended baking condition:
60±5°C for 20 hours.
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (± 0.004)
DIM. B
± 0.10 (± 0.004)
PART NUMBER
DIM. C
± 0.10 (± 0.004)
HSMx-C170 SERIES
2.30 (0.091)
1.45 (0.057)
0.95 (0.037)
HSMx-C190 SERIES
1.75 (0.069)
0.90 (0.035)
0.90 (0.035)
HSMx-C110 SERIES
3.40 (0.134)
1.70 (0.067)
1.20 (0.047)
HSMx-C191 SERIES
1.85 (0.073)
0.88 (0.035)
0.85 (0.033)
HSMx-C150 SERIES
3.50 (0.138)
1.88 (0.074)
1.27 (0.050)
HSMx-C110/120
POSITION IN
CARRIER TAPE
DIM. B
(SEE TABLE 1)
DIM. A
(SEE TABLE 1)
R 1.0 ± 0.05
(0.039 ± 0.002)
FOR HSMx-C110
R 0.5 ± 0.05
(0.020 ± 0.002)
FOR HSMx-C120
HSMx-C120 SERIES
1.90 (0.075)
1.15 (0.045)
0.75 (0.030)
END
START
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MOUNTED WITH
COMPONENTS
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MINIMUM OF
230 mm
(9.05 INCH)
MAY CONSIST
OF CARRIER
AND/OR
COVER TAPE.
NOTES:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved.
AV02-0592EN - May 5, 2010


Similar Part No. - HSMN-C191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-C191 HP-HSMN-C191 Datasheet
229Kb / 8P
   SMT ChipLEDs
More results

Similar Description - HSMN-C191

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com