Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-C191 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMN-C191
Description  High brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMN-C191 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMN-C191 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMN-C191 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
0
0
20
60
80
100
5
TA - AMBIENT TEMPERATURE - °C
40
15
25
10
20
RθJ-A = 800°C/W
RθJ-A = 600°C/W
05
15
IF - FORWARD CURRENT - mA
0
0.4
1.0
20
0.6
0.2
0.8
10
25
1.2
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Luminous intensity vs. forward current.
Figure 4. Maximum for ward current vs.
ambient temperature.
Figure 5. Relative intensity vs. angle for HSMx-C110.
100
10
1
0.1
2.0
2.5
3.5
4.0
VF FORWARD VOLTAGE V
3.0
WAVELENGTH nm
1.0
0.5
0
500
550
600
650
BLUE
GREEN
450
400
350
1.00
0
ANGLE
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-70
-50
-30
0
20 30
50
70
90
-90
-20
-80
-60
-40
-10
10
40
60
80
1.00
0
ANGLE
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-70
-50
-30
0
20 305070
90
-90
-20
-80
-60
-40
-10
10
40
60
80


Similar Part No. - HSMN-C191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-C191 HP-HSMN-C191 Datasheet
229Kb / 8P
   SMT ChipLEDs
More results

Similar Description - HSMN-C191

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com