Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V815 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V815
Description  3.3 VOLT CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V815 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V815 Datasheet HTML 1Page - Integrated Device Technology IDT72V815 Datasheet HTML 2Page - Integrated Device Technology IDT72V815 Datasheet HTML 3Page - Integrated Device Technology IDT72V815 Datasheet HTML 4Page - Integrated Device Technology IDT72V815 Datasheet HTML 5Page - Integrated Device Technology IDT72V815 Datasheet HTML 6Page - Integrated Device Technology IDT72V815 Datasheet HTML 7Page - Integrated Device Technology IDT72V815 Datasheet HTML 8Page - Integrated Device Technology IDT72V815 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3.3 VOLT CMOS DUAL SyncFIFO™
DUAL 256 x 18, DUAL 512 x 18,
DUAL 1,024 x 18, DUAL 2,048 x 18
and DUAL 4,096 x 18
IDT72V805
IDT72V815
IDT72V825
IDT72V835
IDT72V845
1
NOVEMBER 2016
DSC-4295/6
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
OUTPUT
REGISTER
OFFSET
REGISTER
FLAG
LOGIC
FFA/IRA
PAFA
EFA/
ORA
PAEA
HFA/(WXOA)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENA
DA0-DA17
LDA
RSA
(
HFA)/WXOA
WXIA
RENA
RCLKA
OEA QA0-QA17
RXOA
RXIA
FLA
WCLKA
INPUT
REGISTER
OUTPUT
REGISTER
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18
OFFSET
REGISTER
FLAG
LOGIC
FFB/IRB
PAFB
EFB/ORB
PAEB
HFB/(WXOB)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENB
DB0-DB17
LDB
RSB
(
HFB)/WXOB
WXIB
RENB
RCLKB
OEB
QB0-QB17
RXOB
RXIB
FLB
WCLKB
4295 drw 01
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18
FEATURES:
••••• The IDT72V805 is equivalent to two IDT72V205 256 x 18 FIFOs
••••• The IDT72V815 is equivalent to two IDT72V215 512 x 18 FIFOs
••••• The IDT72V825 is equivalent to two IDT72V225 1,024 x 18 FIFOs
••••• The IDT72V835 is equivalent to two IDT72V235 2,048 x 18 FIFOs
••••• The IDT72V845 is equivalent to two IDT72V245 4,096 x 18 FIFOs
••••• Offers optimal combination of large capacity (8K), high speed,
design flexibility, and small footprint
••••• Ideal for the following applications:
– Network switching
– Two level prioritization of parallel data
– Bidirectional data transfer
– Bus-matching between 18-bit and 36-bit data paths
– Width expansion to 36-bit per package
– Depth expansion to 8,192 words per package
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• IDT Standard or First Word Fall Through timing
••••• Single or double register-buffered Empty and Full Flags
••••• Easily expandable in depth and width
••••• Asynchronous or coincident Read and Write Clocks
••••• Asynchronous or synchronous programmable Almost-Empty
and Almost-Full flags with default settings
••••• Half-Full flag capability
••••• Output enable puts output data bus in high-impedance state
••••• High-performance submicron CMOS technology
••••• Available in a 128-pin thin quad flatpack (TQFP)
••••• Industrial temperature range (–40°C to +85°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72V805/72V815/72V825/72V835/72V845 are dual 18-bit-wide
synchronous (clocked) First-in, First-out (FIFO) memories designed to run
off a 3.3V supply for exceptionally low power consumption. One dual
IDT72V805/72V815/72V825/72V835/72V845deviceisfunctionallyequiva-
lent to two IDT72V205/72V215/72V225/72V235/72V245 FIFOs in a single
package with all associated control, data, and flag lines assigned to
independent pins. These devices are very high-speed, low-power First-In,


Similar Part No. - IDT72V815

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V815 IDT-IDT72V815 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
logo
Renesas Technology Corp
IDT72V815 RENESAS-IDT72V815 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V815L10PF IDT-IDT72V815L10PF Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V815L10PFI IDT-IDT72V815L10PFI Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V815L15PF IDT-IDT72V815L15PF Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
More results

Similar Description - IDT72V815

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com