Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3676 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V3676
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3676 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V3676 Datasheet HTML 5Page - Integrated Device Technology IDT72V3676 Datasheet HTML 6Page - Integrated Device Technology IDT72V3676 Datasheet HTML 7Page - Integrated Device Technology IDT72V3676 Datasheet HTML 8Page - Integrated Device Technology IDT72V3676 Datasheet HTML 9Page - Integrated Device Technology IDT72V3676 Datasheet HTML 10Page - Integrated Device Technology IDT72V3676 Datasheet HTML 11Page - Integrated Device Technology IDT72V3676 Datasheet HTML 12Page - Integrated Device Technology IDT72V3676 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72V3656/72V3666/72V3676 3.3V CMOS TRIPLE BUS SyncFIFOTM
WITH BUS MATCHING 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
IDT72V3656L10(1)
IDT72V3656L15
IDT72V3666L10(1)
IDT72V3666L15
IDT72V3676L10(1)
IDT72V3676L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA, CLKB, or CLKC
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA, CLKB, or CLKC
10
15
ns
tCLKH
Pulse Duration, CLKA, CLKB, or CLKC HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA, CLKB, OR CLKC LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and C0-C17 before CLKC↑
3—
4—
ns
tENS1
Setup Time,
CSA and W/RA before CLKA
↑; CSB
4
4.5
ns
before CLKB
tENS2
Setup Time, ENA, and MBA before CLKA
↑; RENB
3
4.5
ns
and MBB before CLKB
↑; WENC and MBC before CLKC↑
tRSTS
Setup Time,
MRS1, MRS2, PRS1, PRS2, RT1 or RT2
5—
5—
ns
LOW before CLKA
↑orCLKB↑(2)
tFSS
Setup Time, FS0, FS1, FS2 before
MRS1 and MRS2 HIGH
7.5
8.5
ns
tBES
Setup Time, BE/
FWFT before MRS1 and MRS2 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—
4—
ns
tSENS
Setup Time, FS1/
SEN before CLKA
3—
4—
ns
tFWS
Setup Time, BE/
FWFT before CLKA
0—
0—
ns
tRTMS
Setup Time, RTM before RT1; RTM before RT2
5—
5—
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and C0-C17 after CLKC↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB,
0.5
1
ns
RENB, and MBB after CLKB
↑; WENC and MBC after CLKC↑
tRSTH
Hold Time,
MRS1, MRS2, PRS1, PRS2, RT1 or RT2
4—
4—
ns
LOW after CLKA
↑orCLKB↑(2)
tFSH
Hold Time, FS0, FS1, FS2 after
MRS1 and MRS2 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after MRS1 and MRS2 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after MRS1 and MRS2 HIGH
2
2
ns
tRTMH
Hold Time, RTM after RT1; RTM after RT2
5—
5—
ns
tSKEW1(3)
Skew Time, between CLKA
↑ and CLKB↑ for EFB/ORB and
5
7.5
ns
FFA/IRA; between CLKA
↑ and CLKC↑ for EFA/ORA and
FFC/IRC
tSKEW2(3,4)
Skew Time, between CLKA
↑ andCLKB↑ forAEBandAFA;12
12
ns
between CLKA
↑ and CLKC↑ for AEA and AFC
NOTES:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
2. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship among CLKA cycle, CLKB cycle, and CLKC cycle.
4. Design simulated, not tested.
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0
°C to +70°C; JEDEC JESD8-A compliant)


Similar Part No. - IDT72V3676

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3676 IDT-IDT72V3676 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3676 RENESAS-IDT72V3676 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3676L10PF IDT-IDT72V3676L10PF Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V3676L15PF IDT-IDT72V3676L15PF Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results

Similar Description - IDT72V3676

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com