Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V37L15PFGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V37L15PFGI8
Description  HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V37L15PFGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  70V37L15PFGI8 Datasheet HTML 1Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 2Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V37L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
6.42
IDT70V37L
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A14L
A0R - A14R
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VDD
Power (3.3V)
VSS
Ground (0V)
4851 tbl 01
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(2)
Terminal Voltage
with Respect to GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output Current
50
mA
4851 tbl 02
Grade
Ambient
Temperature(1)
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 0.3V
Industrial
-40OC to +85OC0V
3.3V
+ 0.3V
4851 tbl 03
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
V IH
Input High Voltage
2.0
____
VDD+0.3
(2)
V
V IL
Input Low Voltage
-0.3(1)
____
0.8
V
4851 tbl 04
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
9
pF
COUT(2)
Output Capacitance
VOUT = 0V
10
pF
4851 tbl 05
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed VDD + 0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V.
Recommended DC Operating
Conditions
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VDD + 0.3V.
Capacitance(1) (TA = +25°C, f = 1.0MHz)
NOTES:
1. This parameter is determined by device characterization but is not produc-
tion tested.
2. COUT also references CI/O.
Maximum Operating Temperature
and Supply Voltage(1)
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
Pin Names


Similar Part No. - 70V37L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V37L15PFGI8 IDT-70V37L15PFGI8 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 70V37L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L Datasheet
158Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com