Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V09L15PFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70V09L15PFGI8
Description  HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V09L15PFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70V09L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 12Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
IDT70V09L
High-Speed 128K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
NOTES:
1. DOR = DOL = VIL, CEL = CER = VIH (Refer to Chip Enable Truth Table).
2. All timing is the same for left and right ports. Port "A" may be either left or right port. "B" is the opposite from port "A".
3. This parameter is measured from R/W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH.
4. If tSPS is not satisfied, the semaphore will fall positively to one side or the other, but there is no guarantee which side will be granted the semaphore flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
NOTES:
1. CE = VIH for the duration of the above timing (both write and read cycle) (Refer to Chip Enable Truth Table).
2. "DATAOUT VALID" represents all I/O's (I/O0 - I/O7) equal to the semaphore value.
SEM
4852 drw 09
tAW
tEW
I/O
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATA
VALID
IN
DATAOUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)
tSOP
tSOP
SEM"A"
4852 drw 10
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
A0"B"-A2"B"
SIDE
"B"
(2)


Similar Part No. - 70V09L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V09L15PFGI8 IDT-70V09L15PFGI8 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V09L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V09 RENESAS-70V09 Datasheet
460Kb / 19P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
   HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com