Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V09L15PFGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V09L15PFGI8
Description  HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V09L15PFGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V09L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 12Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 13Page - Integrated Device Technology 70V09L15PFGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IDT70V09L
High-Speed 128K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and BUSY (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
70V09L15
Com'l Only
70V09L20
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY
TIMING (M/S=VIH)
tBAA
BUSY
Access Time from Address Match
____
15
____
20
ns
tBDA
BUSY
Disable Time from Address Not Matched
____
15
____
20
ns
tBAC
BUSY
Access Time from Chip Enable Low
____
15
____
20
ns
tBDC
BUSY
Access Time from Chip Enable High
____
15
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
15
____
17
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
BUSY
TIMING (M/S=VIL)
tWB
BUSY
Input to Write(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
30
ns
4852 tbl 14


Similar Part No. - 70V09L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V09L15PFGI8 IDT-70V09L15PFGI8 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V09L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V09 RENESAS-70V09 Datasheet
460Kb / 19P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
   HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com