Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V30L55TFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V30L55TFG8
Description  HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V30L55TFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  71V30L55TFG8 Datasheet HTML 1Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 2Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 3Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 4Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 5Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 6Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 7Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 8Page - Integrated Device Technology 71V30L55TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2015 Integrated Device Technology, Inc.
JULY 2015
DSC 3741/12
1
HIGH-SPEED 3.3V
1K X 8 DUAL-PORT
STATIC RAM
IDT71V30S/L
Features
High-speed access
– Commercial: 25/35/55ns (max.)
– Industrial 35ns (max.)
Low-power operation
– IDT71V30S
Active: 375mW (typ.)
Standby: 5mW (typ.)
– IDT71V30L
Active: 375mW (typ.)
Standby: 1mW (typ.)
Functional Block Diagram
NOTES:
1. IDT71V30: BUSY outputs are non-tristatable push-pulls.
2. INT outputs are non-tristable push-pull output structure.
On-chip port arbitration logic
Interrupt flags for port-to-port communication
Fully asynchronous operation from either port
Battery backup operation, 2V data retention (L Only)
TTL-compatible, single 3.3V ±0.3V power supply
Industrial temperature range (-40OC to +85OC) is available
for selected speeds
Green parts available, see ordering information
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
and
INTERRUPT
LOGIC
Address
Decoder
I/O
Control
R/WL
CEL
OEL
BUSYL
A9L
A0L
3741 drw 01
I/O0L-I/O7L
CEL
OEL
R/
WL
INTL
BUSYR
I/O0R-I/O7R
A9R
A0R
INTR
CER
OER
(2)
(1)
(1)
(2)
R/WR
CER
OER
10
10
R/
WR


Similar Part No. - 71V30L55TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V30L55TFG8 IDT-71V30L55TFG8 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - 71V30L55TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com