Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V37L20PFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V37L20PFG
Description  HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V37L20PFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V37L20PFG Datasheet HTML 2Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 3Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 4Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 5Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 6Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 7Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 8Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 9Page - Integrated Device Technology 70V37L20PFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6.42
IDT70V37L
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
Timing of Power-Up Power-Down
Waveform of Read Cycles(5)
NOTES:
1. Timing depends on which signal is asserted last, OE, CE, LB or UB.
2. Timing depends on which signal is de-asserted first CE, OE, LB or UB.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA or tBDD.
5. SEM = VIH.
6. Refer toTruth Table I - Chip Enable.
CE(6)
4851 drw 06
tPU
ICC
ISB
tPD
50%
50%
.
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
4851 drw 05
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
(6)
AC Test Conditions
Figure 1. AC Output Load
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1 and 2
4851 tbl 11
4851 drw 04
590
30pF
435
3.3V
DATAOUT
BUSY
INT
590
5pF*
435
3.3V
DATAOUT
4851 drw 03
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.


Similar Part No. - 70V37L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V37L20PFG IDT-70V37L20PFG Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
70V37L20PFG8 IDT-70V37L20PFG8 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
70V37L20PFGI IDT-70V37L20PFGI Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37L20PFGI RENESAS-70V37L20PFGI Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
70V37L20PFGI8 IDT-70V37L20PFGI8 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 70V37L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L Datasheet
158Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com