Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V639S15BFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70V639S15BFG8
Description  HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V639S15BFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  70V639S15BFG8 Datasheet HTML 1Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 2Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 3Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 4Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 5Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 6Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 7Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 8Page - Integrated Device Technology 70V639S15BFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2015 Integrated Device Technology, Inc.
JUNE 2015
DSC-5621/7
1
CE0R
R/
WR
CE1R
LBR
UBR
128K x 18
MEMORY
ARRAY
Address
Decoder
A16R
A0R
Address
Decoder
CE0L
R/
WL
CE1L
LBL
UBL
Dout0-8_L
Dout9-17_L
Dout0-8_R
Dout9-17_R
B
E
0
L
B
E
1
L
B
E
1
R
B
E
0
R
I/O0L-I/O17L
I/O0R -I/O17R
Din_L
ADDR_L
Din_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
SEML
INTL
BUSYL
M/
S
R/
WL
OEL
R/
WR
OER
BUSYR
SEMR
INTR
CE0L
CE1L
CE0R
CE1R
TMS
TCK
TRST
TDI
TDO
JTAG
5621 drw 01
A16L
A0L
Functional Block Diagram
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Supports JTAG features compliant to IEEE 1149.1
– Due to limited pin count, JTAG is not supported on the
128-pin TQFP package.
LVTTL-compatible, single 3.3V (±150mV) power supply for
core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Available in a 128-pin Thin Quad Flatpack, 208-ball fine
pitch Ball Grid Array, and 256-ball Ball Grid Array
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 10/12/15ns (max.)
– Industrial: 12/15ns (max.)
Dual chip enables allow for depth expansion without
external logic
IDT70V639 easily expands data bus width to 36 bits or
more using the Master/Slave select when cascading more
than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
HIGH-SPEED 3.3V
128K x 18 ASYNCHRONOUS
DUAL-PORT STATIC RAM
IDT70V639S
NOTES:
1. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
2. BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - 70V639S15BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V639S15BFG8 IDT-70V639S15BFG8 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70V639S15BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_14 Datasheet
236Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com