Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V18L20PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V18L20PFG
Description  HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V18L20PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  70V18L20PFG Datasheet HTML 1Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 2Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 3Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 4Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 5Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 6Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 7Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 8Page - Integrated Device Technology 70V18L20PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IDT70V18L
High-Speed 3.3V 64K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70V18 is a high-speed 64K x 9 Dual-Port Static RAM. The
IDT70V18 is designed to be used as a stand-alone 576K-bit Dual-Port
RAM or as a combination MASTER/SLAVE Dual-Port RAM for 18-bit-
or-more word system. Using the IDT MASTER/SLAVE Dual-Port RAM
approach in 18-bit or wider memory system applications results in full-
speed, error-free operation without the need for additional discrete
logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access
forreadsorwritestoanylocationinmemory.Anautomaticpowerdown
featurecontrolledbythe chipenables(eitherCE0orCE1)permittheon-
chip circuitry of each port to enter a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 440mW of power.
TheIDT70V18ispackagedina100-pinThinQuadFlatpack(TQFP).
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3)
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT70V18PF
PN100(4)
100-Pin
TQFP
Top View(5)
NC
GND
GND
OER
R/
WR
SEMR
CE1R
CE0R
NC
NC
GND
A15R
A12R
A13R
A11R
A10R
A9R
A8R
A7R
NC
NC
A14R
NC
NC
NC
4854 drw 02
NC
NC
GND
OEL
R/
WL
SEML
CE1L
CE0L
NC
NC
NC
Vcc
NC
A15L
A14L
A13L
A8L
A7L
NC
NC
NC
A12L
A11L
A10L
A9L


Similar Part No. - 70V18L20PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V18L RENESAS-70V18L Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
More results

Similar Description - 70V18L20PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com