Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T633S15BCGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70T633S15BCGI8
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T633S15BCGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  70T633S15BCGI8 Datasheet HTML 1Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 2Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 3Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 4Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 5Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 6Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70T633S15BCGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
IDT70T633/1S
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Pin Configurations(1,2,3)(con't.)
NOTES:
1. All VDD pins must be connected to 2.5V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is
set to VSS (0V).
3. All VSS pins must be connected to ground.
4. A18X is a NC for IDT70T631.
5. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
6. This package code is used to reference the package diagram.
7. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O9L
NC
VSS
A4L
INTL
SEML
NC
A8L
A12L
A16L
VSS
NC
OPTL
A0L
NC
VSS
NC
NC
A1L
A5L
BUSYL
VSS
CE0L
CE1L
NC
A9L
A13L
A17L
I/O8L
VDDQR
VSS
VDDQL
I/O9R
VDDQR
VDD
A2L
A6L
R/
WL
VSS
UBL
A10L
A14 L
A18L(4)
NC
I/O8R
VDD
I/O11L
VSS
I/O10L
NC
VDD
A3L
NC
OEL
NC
I/O11R
VDDQR
I/O10 R
VDDQL
NC
NC
VSS
NC
VSS
I/O12L
NC
VDD
NC
VDDQR
I/O12R
VDDQL
VDD
VSS
ZZR
NC
I/O14L
VDDQR
VDDQL
NC
I/O15R
VSS
I/O7R
VDDQL
I/O7L
A15L
A11L
A7L
LBL
I/O6L
NC
VSS
NC
VSS
I/O6R
NC
NC
VDDQL
I/O5L
NC
VDD
NC
VSS
I/O5R
ZZL
VDDQR
I/O3R
VDDQL
I/O4R
VSS
I/O4L
VSS
I/O3L
NC
A0R
A1R
A2R
A3R
A4R
A5R
A6R
I/O1R
NC
VSS
NC
I/O15 L
A16R
A12R
A8R
NC
VDD
SEMR
IN T R
VDDQR
NC
I/O1L
NC
VSS
NC
I/O17R
A17R
A13R
A9R
NC
CE0R
CE1R
VDD
VSS
BUSYR
VSS
VDD
VSS
VDDQL
I/O0R
VDDQR
NC
I/O17L
VDDQL
NC
A18R(4)
A14R
A10R
UBR
VSS
NC
NC
VSS
I/O2R
NC
VSS
NC
VDD
A15R
A11R
A7R
LBR
OER
M/
S
R/
WR
VDDQL
I/O2L
OPTR
NC
I/O0L
70T633/1BF
BF-208(5,6)
208-Ball BGA
Top View(7)
5670 drw 02b
I/O13L
I/O14R
VSS
I/O13R
VSS
I/O16R
I/O16L
VDDQR
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VSS
NC
NC
VDDQR
VSS
VDD
VSS
NC
VDD
VDD
TDO
TDI
TCK
TMS
TR S T
VSS
03/12/03


Similar Part No. - 70T633S15BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T633S15BCGI8 IDT-70T633S15BCGI8 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T633S15BCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com