Electronic Components Datasheet Search |
|
70V27L35PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
70V27L35PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 21 page Commercial and Industrial Temperature Range IDT 70V27S/L High-Speed 3.3V 32K x 16 Dual-Port Static RAM 3 Pin Configurations(1,2,3) (con't.) NOTES: 1. All VDD pins must be connected to power supply. 2. All VSS pins must be connected to ground supply. 3. Package body is approximately 12mm x 12mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking. 3603 drw 02a IDT70V27BF BF144-1(4) 144-Pin fpBGA Top View(5) M/ S BUSYL A2L A4L A7L NC NC A11L I/O3R VDD I/O2R VSS I/O0R I/O0L I/O3L NC I/O6L I/O5L VDD NC NC NC NC LBR CE0R SEMR VSS I/O14R VSS NC VSS R/ WR OER I/O15R I/O12R NC VSS CE1R NC I/O10R NC NC NC A12L A13L NC NC UBL CE0L VDD VDD NC R/ WL CE1L I/O15L NC NC NC OEL I/O14L NC A9L I/O10L I/013L A6L NC NC I/O11R NC I/O8R NC I/O6R NC I/O2L I/O4L I/O5R NC NC NC I/O4R I/O7R NC UBR NC NC I/O13R A1 NC A2 NC A3 A8L A4 A5L A5 A1L A6 INTL A7 VSS A8 BUSYR A9 A1R NC A10L A14L A10 A5R A11 NC A12 NC A13 NC LBL SEML VDD NC VSS I/O12L I/O11L I/O9L NC NC I/O8L I/O7L NC I/O1L VDD I/O1R NC VDD NC NC NC B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 E1 E2 E3 E4 E10 E11 E12 E13 F1 F2 F3 F4 F10 F11 F12 F13 G1 G2 G3 G4 G10 G11 G12 G13 H1 H2 H3 H4 H10 H11 H12 H13 J1 J2 J3 J4 J10 J11 J12 J13 K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 K12 K13 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 L13 M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12 M13 N1 N2 N3 N4 N5 N6 N7 N8 N9 N10 N11 N12 N13 INTR A2R A6R A3L NC NC NC A3R A7R A9R A10R A11R A4R A8R A12R A13R A14R A0R A0L I/O9R , 07/29/04 VSS Left Port Right Port Names CE0L, CE1L CE0R, CE1R Chip Enable R/WL R/WR Read/Write Enable OEL OER Output Enable A0L - A14L A0R - A14R Address I/O0L - I/O15L I/O0R - I/O15R Data Input/Output SEML SEMR Semaphore Enable UBL UBR Upper Byte Select LBL LBR Lower Byte Select INTL INTR Interrupt Flag BUSYL BUSYR Busy Flag M/S Master or Slave Select VDD Power (3.3V) V ss Ground (0V) 3603 tbl 01 Pin Names |
Similar Part No. - 70V27L35PFG8 |
|
Similar Description - 70V27L35PFG8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |