Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V321S25TFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71V321S25TFG8
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V321S25TFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  71V321S25TFG8 Datasheet HTML 1Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 2Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 3Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 4Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 5Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 6Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 7Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 8Page - Integrated Device Technology 71V321S25TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6.42
IDT71V321S/L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
4
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,2) (VCC = 3.3V ± 0.3V)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2. VCC = 3.3V, TA = +25°C, and are not production tested. ICCDC = 70mA (Typ.).
3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC and using "AC Test Conditions" of input levels
of GND to 3V.
4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
5. Port "A" may be either left or right port. Port "B" is opposite from port "A".
Symbol
Parameter
Test Condition
Version
71V321X25
Com'l & Ind
71V321X35
Com'l & Ind
71V321X55
Com'l & Ind
Unit
Typ.
Max.
Typ.
Max.
Typ.
Max.
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL
, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
55
55
130
100
55
55
125
95
55
55
115
85
mA
IND
L
55
130
55
125
55
115
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER
= CEL = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
15
15
35
20
15
15
35
20
15
15
35
20
mA
IND
L
15
35
15
35
15
35
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
25
25
75
55
25
25
70
50
25
25
60
40
mA
IND
L
25
75
25
70
25
60
ISB3
Full Standby Current
(Both Ports - All
CMOS Level Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
5
3
1.0
0.2
5
3
1.0
0.2
5
3
mA
IND
L
0.2
6
1.0
5
1.0
5
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
25
25
70
55
25
25
65
50
25
25
55
40
mA
IND
L
25
70
25
65
25
55
3026 tbl 06
Data Retention Characteristics (L Version Only)
Symbol
Parameter
Test Condition
Min.
Typ. (1)
Max.
Unit
VDR
VCC for Data Retention
2.0
___
0V
ICCDR
Data Retention Current
VCC = 2V, CE > VCC - 0.2V
COM'L.
___
100
500
µA
tCDR(3)
Chip Deselect to Data
Retention Time
VIN > VCC - 0.2V or VIN < 0.2V
IND.
___
100
1000
µA
0
___
___
V
tR(3)
Operation Recovery Time
tRC(2)
___
___
V
3026 tbl 07
NOTES:
1. VCC = 2V, TA = +25°C, and is not production tested.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization but not production tested.


Similar Part No. - 71V321S25TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V321S25TFG8 IDT-71V321S25TFG8 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
More results

Similar Description - 71V321S25TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V321S IDT-IDT71V321S_18 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
logo
Renesas Technology Corp
71V321 RENESAS-71V321 Datasheet
431Kb / 16P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
JULY 2019
71321SA RENESAS-71321SA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT71321SA IDT-IDT71321SA Datasheet
255Kb / 16P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com