Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V27L15PFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V27L15PFG
Description  HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V27L15PFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V27L15PFG Datasheet HTML 2Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 3Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 4Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 5Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 6Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 7Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 8Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 9Page - Integrated Device Technology 70V27L15PFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Commercial and Industrial Temperature Range
IDT 70V27S/L
High-Speed 3.3V 32K x 16 Dual-Port Static RAM
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,6) (VDD = 3.3V ± 0.3V)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2. VDD = 3.3V, TA = +25°C, and are not production tested. IDD DC = 90mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
6. Refer to Chip Enable Truth Table.
70V27X15
Com'l Only
70V27X20
Com'l & Ind
70V27X25
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
170
170
260
225
165
165
255
220
145
145
245
210
mA
IND'L
S
L
____
____
____
____
____
165
____
230
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
44
44
70
60
39
39
60
50
27
27
50
40
mA
IND'L
S
L
____
____
____
____
____
39
____
55
____
____
____
____
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
115
115
160
145
105
105
155
140
90
90
150
135
mA
IND'L
S
L
____
____
____
____
____
105
____
150
____
____
____
____
ISB3
Full Standby Current
(Both Ports - All
CMOS Level Inputs)
Both Ports CEL and
CER > VDD - 0.2V
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VDD - 0.2V
COM'L
S
L
1.0
0.2
6
3
1.0
0.2
6
3
1.0
0.2
6
3
mA
IND'L
S
L
____
____
____
____
____
0.2
____
6
____
____
____
____
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VDD - 0.2V(5)
SEMR = SEML > VDD - 0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
115
115
155
140
105
105
150
135
90
90
145
130
mA
IND'L
S
L
____
____
____
____
____
105
____
145
____
____
____
____
3603 tbl 10a


Similar Part No. - 70V27L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V27L15PFG IDT-70V27L15PFG Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15PFG8 IDT-70V27L15PFG8 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15PFGI IDT-70V27L15PFGI Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15PFGI8 IDT-70V27L15PFGI8 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70V27L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com