Electronic Components Datasheet Search |
|
70V07S35JG8 Datasheet(PDF) 2 Page - Integrated Device Technology |
|
70V07S35JG8 Datasheet(HTML) 2 Page - Integrated Device Technology |
2 / 19 page IDT70V07S/L High-Speed 32K x 8 Dual-Port Static RAM Industrial and Commercial Temperature Ranges 2 2943 drw 02 12 13 14 15 16 17 18 INDEX 19 20 21 22 98 7 6 5 4 321 68 67 66 65 27 28 29 30 31 32 33 34 35 36 37 38 39 VCC I/O1R I/O2R I/O3R I/O4R INTL GND A4L A3L A2L A1L A0L A3R A0R A1R A2R I/O2L A5L 11 10 M/ S 23 24 25 26 40 41 42 43 58 57 56 55 54 53 52 51 50 49 48 59 60 47 46 45 44 64 63 62 61 I/O3L GND I/O0R VCC A4R BUSYL GND BUSYR INTR IDT70V07J J68-1(4) 68-Pin PLCC Top View(5) I/O4L I/O5L I/O6L I/O7L I/O5R I/O6R 10/25/01 Description The IDT70V07 is a high-speed 32K x 8 Dual-Port Static RAM. The IDT70V07 is designed to be used as a stand-alone 256K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit- or-morewordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAM approach in 16-bit or wider memory system applications results in full- speed,error-freeoperationwithouttheneedforadditionaldiscretelogic. This device provides two independent ports with separate control, address,andI/Opinsthatpermitindependent,asynchronousaccessfor reads or writes to any location in memory. An automatic power down featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter a very low standby power mode. Fabricatedusing CMOShigh-performancetechnology,thesedevices typically operate on only 300mW of power. TheIDT70V07ispackagedinaceramic68-pinPGAandPLCCand a 80-pin thin quad flatpack (TQFP). Pin Configurations(1,2,3) NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground. 3. J68-1 package body is approximately .95 in x .95 in x .17 in. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking. |
Similar Part No. - 70V07S35JG8 |
|
Similar Description - 70V07S35JG8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |