Electronic Components Datasheet Search |
|
70V07L35PFGI Datasheet(PDF) 5 Page - Integrated Device Technology |
|
70V07L35PFGI Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 19 page 5 IDT70V07S/L High-Speed 32K x 8 Dual-Port Static RAM Industrial and Commercial Temperature Ranges Truth Table I: Non-Contention Read/Write Control Truth Table II: Semaphore Read/Write Control Maximum Operating Temperature and Supply Voltage(1) Absolute Maximum Ratings(1) Capacitance(1) (TA = +25°C, f = 1.0MHz) TQFP Only Recommended DC Operating Conditions(2) NOTE: 1. A0L — A14L ≠ A0R — A14R NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 0.3V. 3. Ambient Temperature Under Bias. No AC Conditions. Chip Deselected. NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 0.3V. NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. COUT also references CI/O. NOTE: 1. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0-A2 Inputs(1) Outputs Mode CE R/W OE SEM I/O0-7 H X X H High-Z Deselected: Power-Down LL X H DATAIN Write to Memory LH LH DATAOUT Read Memory X X H X High-Z Outputs Disabled 2943 tbl 02 Inputs(1) Outputs Mode CE R/W OE SEM I/O0-7 HH L L DATAOUT Read Data in Semaphore Flag H ↑ XL DATAIN Write I/O0 into Semaphore Flag LX X L ____ Not Allowed 2943 tbl 03 Symbol Rating Commercial & Industrial Unit VTERM(2) Terminal Voltage with Respect to GND -0.5 to +4.6 V TBIAS(3) Temperature Under Bias -55 to +125 o C TSTG StorageTemperature -65 to +150 o C TJN Junction Temperature +150 o C IOUT DC Output Current 50 mA 2943 tbl 04 Grade Ambient Temperature GND Vcc Commercial 0OC to +70OC0V 3.3V + 0.3 Industrial -40OC to +85OC0V 3.3V + 0.3 2943 tbl 05 Symbol Parameter Min. Typ. Max. Unit VCC Supply Voltage 3.0 3.3 3.6 V GND Ground 0 0 0 V VIH Input High Voltage 2.0 ____ VCC+0.3(2) V VIL Input Low Voltage -0.3(1) ____ 0.8 V 2943 tbl 06 Symbol Parameter Conditions Max. Unit CIN Input Capacitance VIN = 0V 9 pF COUT(2) Output Capacitance VOUT = 0V 10 pF 2943 tbl 07 |
Similar Part No. - 70V07L35PFGI |
|
Similar Description - 70V07L35PFGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |