Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T631S15BFG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70T631S15BFG8
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T631S15BFG8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70T631S15BFG8 Datasheet HTML 2Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 3Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 4Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 5Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 6Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 7Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 8Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 9Page - Integrated Device Technology 70T631S15BFG8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IDT70T633/1S
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
NOTE:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
Truth Table I—Read/Write and Enable Control(1)
OE
SEM
CE0
CE1
UB
LB
R/W
ZZ
Upper Byte
I/O9-17
Lower Byte
I/O0-8
MODE
X
H
H
X
X
X
X
L
High-Z
High-Z
Deselected–Power Down
X
H
X
L
X
X
X
L
High-Z
High-Z
Deselected–Power Down
X
H
L
H
H
H
X
L
High-Z
High-Z
Both Bytes Deselected
XH
LH
H
L
L
L
High-Z
DIN
Write to Lower Byte
XH
LH
L
H
L
L
DIN
High-Z
Write to Upper Byte
X
H
L
H
LL
LL
DIN
DIN
Write to Both Bytes
LH
LH
H
L
H
L
High-Z
DOUT
Read Lower Byte
LH
LH
L
H
H
L
DOUT
High-Z
Read Upper Byte
LH
LH
L
L
H
L
DOUT
DOUT
Read Both Bytes
H
H
L
H
L
L
X
L
High-Z
High-Z
Outputs Disabled
X
X
X
X
X
X
X
H
High-Z
High-Z
High-Z Sleep Mode
5670 tbl 02
Truth Table II – Semaphore Read/Write Control(1)
NOTES:
1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O17). These eight semaphore flags are addressed by A0-A2.
2. CE = L occurs when CE0 = VIL and CE1 = VIH. CE = H when CE0 = VIH and/or CE1 = VIL.
3. Each byte is controlled by the respective UB and LB. To read data UB and/or LB = VIL.
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
UB
LB
SEM
I/O1-17
I/O0
HH
L
L
L
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag(3)
H
XX
L
L
X
DATAIN
Write I/O0 into Semaphore Flag
L
XXXX
L
______
______
Not Allowed
5670 tbl 03


Similar Part No. - 70T631S15BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T631S15BFG8 IDT-70T631S15BFG8 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T631S15BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com