Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05S15JG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V05S15JG8
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05S15JG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V05S15JG8 Datasheet HTML 6Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 7Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 8Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 9Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 10Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 11Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 12Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 13Page - Integrated Device Technology 70V05S15JG8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is determined by device characterization but is not production tested.
3. To access SRAM, CE = VIL, SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
5. “X” in part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
5
1
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
0
2
X
5
0
V
0
7
l'
m
o
C
d
n
I
&
5
2
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
E
L
C
Y
C
E
T
I
R
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
s
n
t W
E
e
ti
r
W
-f
o
-
d
n
E
o
t
e
l
b
a
n
E
p
i
h
C
)
3
(
2
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
s
n
t W
A
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A2
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-t
e
S
s
s
e
r
d
d
A
)
3
(
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W2
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t W
D
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
a
t
a
D0
1
_
_
_
_
5
1
_
_
_
_
5
1
_
_
_
_
s
n
t Z
H
e
m
i
T
Z
-
h
g
i
H
t
u
p
t
u
O
)
2
,
1
(
_
_
_
_
0
1
_
_
_
_
2
1
_
_
_
_
5
1s
n
t H
D
e
m
i
T
d
l
o
H
a
t
a
D
)
4
(
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t Z
W
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
l
b
a
n
E
e
ti
r
W
)
2
,
1
(
_
_
_
_
0
1
_
_
_
_
2
1
_
_
_
_
5
1s
n
t W
O
e
ti
r
W
-f
o
-
d
n
E
m
o
rf
e
v
it
c
A
t
u
p
t
u
O
)
4
,
2
,
1
(
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t
D
R
W
S
M
E
S
e
m
i
T
d
a
e
R
o
t
e
ti
r
W
g
a
l
F
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t S
P
S
M
E
S
w
o
d
n
i
W
n
o
it
n
e
t
n
o
C
g
a
l
F
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
a
2
1
l
b
t
1
4
9
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
5
3
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
5
5
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
E
L
C
Y
C
E
T
I
R
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W
5
3
_
_
_
_
5
5
_
_
_
_
s
n
t W
E
e
ti
r
W
-f
o
-
d
n
E
o
t
e
l
b
a
n
E
p
i
h
C
)
3
(
0
3
_
_
_
_
5
4
_
_
_
_
s
n
t W
A
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A
0
3
_
_
_
_
5
4
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-t
e
S
s
s
e
r
d
d
A
)
3
(
0
_
_
_
_
0
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W
5
2
_
_
_
_
0
4
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W
0
_
_
_
_
0
_
_
_
_
s
n
t W
D
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
a
t
a
D
5
1
_
_
_
_
0
3
_
_
_
_
s
n
t Z
H
e
m
i
T
Z
-
h
g
i
H
t
u
p
t
u
O
)
2
,
1
(
_
_
_
_
5
1
_
_
_
_
5
2s
n
t H
D
e
m
i
T
d
l
o
H
a
t
a
D
)
4
(
0
_
_
_
_
0
_
_
_
_
s
n
t Z
W
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
l
b
a
n
E
e
ti
r
W
)
2
,
1
(
_
_
_
_
5
1
_
_
_
_
5
2s
n
t W
O
e
ti
r
W
-f
o
-
d
n
E
m
o
rf
e
v
it
c
A
t
u
p
t
u
O
)
4
,
2
,
1
(
0
_
_
_
_
0
_
_
_
_
s
n
t
D
R
W
S
M
E
S
e
m
i
T
d
a
e
R
o
t
e
ti
r
W
g
a
l
F
5
_
_
_
_
5
_
_
_
_
s
n
t S
P
S
M
E
S
w
o
d
n
i
W
n
o
it
n
e
t
n
o
C
g
a
l
F
5
_
_
_
_
5
_
_
_
_
s
n
b
2
1
l
b
t
1
4
9
2


Similar Part No. - 70V05S15JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05S15JG8 IDT-70V05S15JG8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05S15JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com