Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T659S15DRG8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70T659S15DRG8
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T659S15DRG8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70T659S15DRG8 Datasheet HTML 5Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 6Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 7Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 8Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 9Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 10Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 11Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 12Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
NOTES:
1. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to page 6 for details.
2. Applicable only for TMS, TDI and TRST inputs.
3. Outputs tested in tri-state mode.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(3) (VDD = 2.5V ± 100mV)
NOTES:
1. Atf=fMAX,addressandcontrollines(exceptOutputEnable)arecyclingatthemaximumfrequencyreadcycleof1/tRC,using"ACTESTCONDITIONS"atinputlevels
ofGNDto3.3V.
2. f=0meansnoaddressorcontrollineschange.AppliesonlytoinputatCMOSlevelstandby.
3. Port"A"maybeeitherleftorright port.Port"B"istheoppositefromport"A".
4. VDD =3.3V,TA =25°C forTyp,andarenotproductiontested.IDDDC(f=0)=100mA(Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X< 0.2V and CE1X > VDDQX - 0.2V
CEX
> VDDQX - 0.2V means CE0X> VDDQX - 0.2V or CE1X < 0.2V.
"X"represents"L"forleftportor"R"forrightport.
6. ISB1,ISB2andISB4willallreachfullstandbylevels(ISB3)ontheappropriateport(s)ifZZLand/orZZR=VIH.
7. 10nsIndustrialspeedgradeisavailableinBF-208andBC-256packagesonly.
70T651/9S10
Com'l
& Ind(7)
70T651/9S12
Com'l
& Ind
70T651/9S15
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled
f = fMAX(1)
COM'L
S
300
405
300
355
225
305
mA
IND
S
300
445
300
395
____
____
ISB1(6)
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
90
120
75
105
60
85
mA
IND
S
90
145
75
130
____
____
ISB2(6)
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f = fMAX(1)
COM'L
S
200
265
180
230
150
200
mA
IND
S
200
290
180
255
____
____
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDDQ - 0.2V,
VIN > VDDQ - 0.2V or VIN < 0.2V,
f = 0(2)
COM'L
S
210
2
10
210
mA
IND
S
220220
____
____
ISB4(6)
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDDQ - 0.2V(5)
VIN > VDDQ - 0.2V or VIN < 0.2V,
Active Port, Outputs Disabled,
f = fMAX(1)
COM'L
S
200
265
180
230
150
200
mA
IND
S
200
290
180
255
____
____
IZZ
Sleep Mode Current
(Both Ports - TTL
Level Inputs)
ZZL = ZZR = VIH
f = fMAX(1)
COM'L
S
210
2
10
210
mA
IND
S
220220
____
____
5632 tbl 10
Symbol
Parameter
Test Conditions
70T651/9S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILI|
JTAG & ZZ Input Leakage Current(1,2)
VDD = Max., VIN = 0V to VDD
___
+30
µA
|ILO|
Output Leakage Current(1,3)
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(1)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(1)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(1)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(1)
IOH = -2mA, VDDQ = Min.
2.0
___
V
5632 tbl 09


Similar Part No. - 70T659S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T659S15DRG8 IDT-70T659S15DRG8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T659S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com