Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V07L35PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70V07L35PFG
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V07L35PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70V07L35PFG Datasheet HTML 3Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 4Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 5Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 6Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 7Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 8Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 9Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 10Page - Integrated Device Technology 70V07L35PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
IDT70V07S/L
High-Speed 32K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Test Conditions
Figure 1. AC Output Test Load
Timing of Power-Up Power-Down
NOTES:
1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
CE
2943 drw 07
tPU
ICC
ISB
tPD
,
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns
1.5V
1.5V
Figures 1 and 2
2943 tbl 10
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
2943 drw 06
590
30pF
435
3.3V
DATAOUT
BUSY
I
NT
590
5pF*
435
3.3V
DATAOUT
2943 drw 05
70V07X25
Com'l
& Ind
70V07X35
Com'l
& Ind
70V07X55
Com'l Only
Unit
Symbol
Parameter
Min.
Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
25
____
35
____
55
____
ns
tAA
Address Access Time
____
25
____
35
____
55
ns
tACE
Chip Enable Access Time(3)
____
25
____
35
____
55
ns
tAOE
Output Enable Access Time
____
15
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
20
____
25
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
25
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)15
____
15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
35
____
45
____
65
ns
2943 tbl 11


Similar Part No. - 70V07L35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07L35PFG IDT-70V07L35PFG Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L35PFG8 IDT-70V07L35PFG8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L35PFGI IDT-70V07L35PFGI Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07L35PFGI RENESAS-70V07L35PFGI Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
70V07L35PFGI8 IDT-70V07L35PFGI8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V07L35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com