Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T659S15BCGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70T659S15BCGI
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T659S15BCGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70T659S15BCGI Datasheet HTML 2Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 3Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 4Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 5Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 6Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 7Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 8Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 9Page - Integrated Device Technology 70T659S15BCGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
Pin Names
NOTES:
1. Address A17x is a NC for IDT70T659.
2. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on I/OX.
3. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VDD (2.5V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VSS (0V), then that
port's I/Os and controls will operate at 2.5V levels and VDDQX must be supplied
at 2.5V. The OPT pins are independent of one another—both ports can operate
at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V
with the other at 2.5V.
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when
asserted. OPTx, INTx, M/S and the sleep mode pins themselves (ZZx) are
not affected during sleep mode. It is recommended that boundry scan not be
operated during sleep mode.
5. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master
(M/S=VIH).
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables (Input)
R/WL
R/WR
Read/Write Enable (Input)
OEL
OER
Output Enable (Input)
A0L - A17L(1)
A0R - A17R(1)
Address (Input)
I/O0L - I/O35L
I/O0R - I/O35R
Data Input/Output
SEML
SEMR
Semaphore Enable (Input)
INTL
INTR
Interrupt Flag (Output)
BUSYL
BUSYR
Busy Flag (Output)
BE0L
- BE3L
BE0R
- BE3R
Byte Enables (9-bit bytes) (Input)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(2) (Input)
OPTL
OPTR
Option for selecting VDDQX(2,3) (Input)
ZZL
ZZR
Sleep Mode Pin(4) (Input)
M/S
Master or Slave Select (Input)(5)
VDD
Power (2.5V)(2) (Input)
VSS
Ground (0V) (Input)
TDI
Test Data Input
TDO
Test Data Output
TCK
Test Logic Clock (10MHz) (Input)
TMS
Test Mode Select (Input)
TRST
Reset (Initialize TAP Controller) (Input)
5632 tbl 01


Similar Part No. - 70T659S15BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T659S15BCGI IDT-70T659S15BCGI Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T659S15BCGI8 IDT-70T659S15BCGI8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T659S15BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com