Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN73 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RN73
Description  electroplated 100% matte
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RN73 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RN73 Datasheet HTML 1Page - TE Connectivity Ltd RN73 Datasheet HTML 2Page - TE Connectivity Ltd RN73 Datasheet HTML 3Page - TE Connectivity Ltd RN73 Datasheet HTML 4Page - TE Connectivity Ltd RN73 Datasheet HTML 5Page - TE Connectivity Ltd RN73 Datasheet HTML 6Page - TE Connectivity Ltd RN73 Datasheet HTML 7Page - TE Connectivity Ltd RN73 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Thin Film Precision Resistors
1773270 CIS WR 08/2016
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
High precision -
TCR 5ppm/°C and
10ppm/°C
Tolerance down to 0.01%
Thin film (nichrome)
Terminal finish
electroplated 100% matte
Sn
Applications
Communications
Industrial Controls
Instrumentation
Medical
Type RN73 Series
The RN73 series is a high stability precision chip resistor range offering
various power dissipations relating to chip size, TCR's down to 5ppm/°C
and resistance tolerances to 0.01%. The resistor is produced with three
sputtered layers giving optimum performance. Values are restricted to
the E96 and E24 value grids. The RN73 has accurate and uniform
physical dimensions to facilitate placement.
Electrical Characteristics
0402
0603
Rated Power @ 70°C
0.063W
0.063W
Resistance
Range Ω
Min
49R9
49R9
49R9
49R9
49R9
49R9
24R9
24R9
24R9
4R7
24R9
4R7
Max
20K
20K
20K
20K
20K
100K
60K
100K
60K
332K
60K
511K
Tolerance (%)
0.01
0.05
0.1
0.01
0.05
0.1
Code Letter
L
A
B
L
A
B
T.C.R. (PPM°C)
5
10
5
10
5
10
5
10
5
10
5
10
Code Letter
A
C
A
C
A
C
A
C
A
C
A
C
Selection Series
E24 & E96
E24 & E96
Max operating Voltage
25V
50V
Max. Overload voltage
50V
100V
Operating Temp. range
-55 ~ +155°C
-55 ~ +155°C
Insulation Resistance
(dry min.)
>9999MΩ
>9999MΩ
Stability
0.5%
0.5%


Similar Part No. - RN73

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
RN73 ETC-RN73 Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
logo
KOA Speer Electronics, ...
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN731E KOA-RN731E Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
More results

Similar Description - RN73

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
J-POLE-E MSPI-J-POLE-E Datasheet
43Kb / 1P
   Threaded Pipe Black Electroplated
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
   Gold and 100% matte tin terminations available
logo
Omron Electronics LLC
XP3A OMRON-XP3A Datasheet
1Mb / 10P
   Electroplated Probe Pins for High Reliability
logo
Shanghai Leiditech Elec...
ESDA05CPL LEIDITECH-ESDA05CPL Datasheet
1,014Kb / 5P
   Matte Tin Lead finish (Pb-Free)
logo
3M Electronics
GT2 3M-GT2 Datasheet
245Kb / 2P
   Premium Matte Cloth (Gaffers) Tape GT
logo
MolexKits
76650-0186 MOLEXKITS-76650-0186 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
logo
Grayhill, Inc
30-001-A-01 GRAYHILL-30-001-A-01 Datasheet
358Kb / 5P
   Sleek Black Matte Bezel Convenient Snap-In Front Mount
logo
Molex Electronics Ltd.
2042261001 MOLEX1-2042261001 Datasheet
37Kb / 1P
   Squba Plug Terminal, Matte Tin Plating, 22-24 AWG
2043010001 MOLEX1-2043010001 Datasheet
41Kb / 1P
   Squba Receptacle Terminal, Matte Tin Plating, 22-24 AWG
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
   3M??Polyurethane Protective Tape 8545 Matte Black (no adhesive)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com