Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T659S10BFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70T659S10BFGI
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T659S10BFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  70T659S10BFGI Datasheet HTML 1Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 2Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 3Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 4Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 5Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 6Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 7Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 8Page - Integrated Device Technology 70T659S10BFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2015 Integrated Device Technology, Inc.
1
JULY 2015
DSC-5632/8
CE0R
R/
WR
CE1R
BE0R
BE1R
BE2R
BE3R
256/128K x 36
MEMORY
ARRAY
Address
Decoder
A17R(1)
A0R
Address
Decoder
CE0L
R/
WL
CE1L
BE0L
BE1L
BE2L
BE3L
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
E
0
L
B
E
1
L
B
E
2
L
B
E
3
L
B
E
3
R
B
E
2
R
B
E
1
R
B
E
0
R
I/O0L- I/O35L
A17L(1)
A0L
I/O0R -I/O35R
Di n_L
ADDR_L
Di n_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
SEML
INTL(3)
BUSYL(2,3)
M/
S
R/
WL
OEL
R/
WR
OER
CE0L
CE1L
CE0R
CE1R
BUSYR(2,3)
SEMR
INTR(3)
4869 drw 01
ZZ
CONTROL
LOGIC
ZZL
(4)
ZZR
(4)
JTAG
TCK
TRST
TMS
TDI
TDO
Functional Block Diagram
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Sleep Mode Inputs on both ports
Supports JTAG features compliant to IEEE 1149.1
Single 2.5V (±100mV) power supply for core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Available in a 256-ball Ball Grid Array, 208-pin Plastic Quad
Flatpack and 208-ball fine pitch Ball Grid Array.
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial:10/12/15ns(max.)
– Industrial: 10/12ns (max.)
RapidWrite Mode simplifies high-speed consecutive write
cycles
Dual chip enables allow for depth expansion without
external logic
IDT70T651/9 easily expands data bus width to 72 bits or
more using the Master/Slave select when cascading more
than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
HIGH-SPEED 2.5V
256/128K x 36
ASYNCHRONOUS DUAL-PORT
STATIC RAM
WITH 3.3V 0R 2.5V INTERFACE
IDT70T651/9S
NOTES:
1. Address A17x is a NC for IDT70T659.
2. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
3. BUSY and INT are non-tri-state totem-pole outputs (push-pull).
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. OPTx, INTx, M/S and the sleep
mode pins themselves (ZZx) are not affected during sleep mode.
Green parts available, see ordering information


Similar Part No. - 70T659S10BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T659S10BFGI IDT-70T659S10BFGI Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
70T659S10BFGI8 IDT-70T659S10BFGI8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T659S10BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com