Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05L20GGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70V05L20GGI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05L20GGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70V05L20GGI Datasheet HTML 3Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 4Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 5Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 6Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 7Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 8Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 9Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 10Page - Integrated Device Technology 70V05L20GGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
AC Test Conditions
Timing of Power-Up Power-Down
Figure 1. AC Output Test Load
Figure 2. Output Test Load
*Including scope and jig.
(For tLZ, tHZ, tWZ, tOW)
CE
2941 drw 06
tPU
ICC
ISB
tPD
50%
50%
s
l
e
v
e
L
e
s
l
u
P
t
u
p
n
I
s
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
n
I
s
l
e
v
e
L
e
c
n
e
r
e
f
e
R
g
n
i
m
i
T
t
u
p
n
I
s
l
e
v
e
L
e
c
n
e
r
e
f
e
R
t
u
p
t
u
O
d
a
o
L
t
u
p
t
u
O
V
0
.
3
o
t
D
N
G
.
x
a
M
s
n
3
V
5
.
1
V
5
.
1
2
d
n
a
1
s
e
r
u
g
i
F
0
1
l
b
t
1
4
9
2
2941 drw 05
590
30pF
435
3.3V
DATAOUT
BUSY
INT
590
5pF*
435
3.3V
DATAOUT


Similar Part No. - 70V05L20GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05L20GGI IDT-70V05L20GGI Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05L20GGI8 IDT-70V05L20GGI8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05L20GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com