Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-101-DFC-A2P2 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # FX-101-DFC-A2P2
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-101-DFC-A2P2 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button FX-101-DFC-A2P2 Datasheet HTML 4Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 5Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 6Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 7Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 8Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 9Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 10Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 11Page - Vectron International, Inc FX-101-DFC-A2P2 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FX-101 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web:www.vectron.com
Input 1
Input 2
Input 3
Input 4
Output
8 kHz
19.44 MHz
----
----
1.544 MHz
8 kHz
----
----
----
37.056 MHz
1.544 MHz
2.048 MHz
----
----
51.84 MHz
19.44 MHz
77.76 MHz
----
----
51.84 MHz
8 kHz
----
----
----
65.536 MHz
65.536
----
----
----
65.536 MHz
2.048 MHz
19.44 MHz
----
----
77.76 MHz
8 kHz
1.544 MHz
2.048 MHz
19.44 MHz
77.76 MHz
19.44 MHz
20.8286 MHz
77.76 MHz
83.3143 MHz
77.76 MHz
The combinations above are just a small sample of
what is possible with the FX-101 series.
This series is capable of translating up and down in
frequency. Virtually all input frequencies between 8
kHz and 170 MHz can be supported.
The FX-101 uses Vectron International’s V-type VCXO
and as such can support any output frequency that is
available with the V-Type. A list of available output fre-
quencies for the V-Type is provided below.
3.686
6.144
8.448
14.318
19.44
27.000
38.880
52.000
1.544
4.000
6.176
10.000
15.360
20.000
30.000
40.000
65.536
2.000
4.032
6.312
12.000
15.440
20.480
32.000
40.960
77.760
2.048
4.096
6.400
12.288
16.000
24.000
32.768
44.736
3.088
4.434
8.000
12.352
16.384
24.576
34.368
50.000
3.580
5.000
8.192
13.000
18.432
24.704
35.328
51.840
Other Standard Input / Output Combinations
V-type Available Frequencies (MHz)


Similar Part No. - FX-101-DFC-A2P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101 Datasheet
332Kb / 7P
   Frequency Translator
logo
CML Microcircuits
FX-101L CMLMICRO-FX-101L Datasheet
816Kb / 6P
   MULTI - PURPOSE FREQUENCY SENSITIVE SWITCH
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
   Digital Fiber Sensor FX-100 SERIES
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
More results

Similar Description - FX-101-DFC-A2P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com