Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V06S20JGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V06S20JGI
Description  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V06S20JGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V06S20JGI Datasheet HTML 2Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 3Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 4Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 5Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 6Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 7Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 8Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 9Page - Integrated Device Technology 70V06S20JGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
IDT70V06S/L
High-Speed 3.3V 16K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VDD= 3.3V ± 0.3V)
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VDD = 3.3, TA = +25°C, and are not production tested. IDD DC = 115mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of
GND to 3V.
4. f = 0 means no address or control lines change.
70V06X15
Com'l Only
70V06X20
Com'l
& Ind
70V06X25
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
S
L
150
140
215
185
140
130
200
175
130
125
190
165
mA
IND
S
L
____
____
____
____
____
130
____
195
____
125
____
180
mA
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER
= CEL = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
25
20
35
30
20
15
30
25
16
13
30
25
mA
IND
S
L
____
____
____
____
____
15
____
40
____
13
____
40
mA
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CEL
or CER = VIH
Active Port Outputs Disabled,
f=fMAX(3)
COM'L
S
L
85
80
120
110
80
75
110
100
75
72
110
95
mA
IND
S
L
____
____
____
____
____
75
____
115
____
72
____
110
mA
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VDD - 0.2V
COM'L
S
L
1.0
0.2
5
2.5
1.0
0.2
5
2.5
1.0
0.2
5
2.5
mA
IND
S
L
____
____
____
____
____
0.2
____
5
____
0.2
____
5
mA
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
One Port CEL or
CER
> VDD - 0.2V
SEMR
= SEML > VDD - 0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
S
L
85
80
125
105
80
75
115
100
75
70
105
90
mA
IND
S
L
____
____
____
____
____
75
____
115
____
70
____
105
mA
2942 tbl 09a
70V06X35
Com'l Only
70V06X55
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
S
L
120
115
180
155
120
115
180
155
mA
IND
S
L
____
____
____
____
____
____
____
____
mA
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER
= CEL = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
13
11
25
20
13
11
25
20
mA
IND
S
L
____
____
____
____
____
____
____
____
mA
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CEL
or CER = VIH
Active Port Outputs Disabled,
f=fMAX(3)
COM'L
S
L
70
65
100
90
70
65
100
90
mA
IND
S
L
____
____
____
____
____
____
____
____
mA
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VDD - 0.2V
COM'L
S
L
1.0
0.2
5
2.5
1.0
0.2
5
2.5
mA
IND
S
L
____
____
____
____
____
____
____
____
mA
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
One Port CEL or
CER
> VDD - 0.2V
SEMR
= SEML > VDD - 0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
S
L
65
60
100
85
65
60
100
85
mA
IND
S
L
____
____
____
____
____
____
____
____
mA
2942 tbl 09b


Similar Part No. - 70V06S20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V06S20JGI IDT-70V06S20JGI Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06S20JGI8 IDT-70V06S20JGI8 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V06S20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com