Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05L25JGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V05L25JGI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05L25JGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V05L25JGI Datasheet HTML 2Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 3Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 4Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 5Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 6Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 7Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 8Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 9Page - Integrated Device Technology 70V05L25JGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VDD= 3.3V ± 0.3V)
NOTES:
1. “X” in part number indicates power rating (S or L)
2. VDD = 3.3V, TA = +25°C, and are not production tested. IDD DC = 115mA (Typ.)
3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of
GND to 3V.
4. f = 0 means no address or control lines change.
5
1
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
0
2
X
5
0
V
0
7
l'
m
o
C
d
n
I
&
5
2
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
Tn
o
i
s
r
e
V.
p
y
T
)
2
(
.
x
a
M.
p
y
T
)
2
(
.
x
a
M.
p
y
T
)
2
(
.
x
a
Mti
n
U
IDD
g
n
it
a
r
e
p
O
c
i
m
a
n
y
D
t
n
e
rr
u
C
)
e
v
it
c
A
s
tr
o
P
h
t
o
B
(
E
C
V
= LI
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
,
M
E
S
V
= H
I
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
0
5
1
0
4
1
5
1
2
5
8
1
0
4
1
0
3
1
0
0
2
5
7
1
0
3
1
5
2
1
0
9
1
5
6
1
A
m
D
N
IS
L
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
4
1
0
3
1
5
2
2
5
9
1
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
A
m
I 1
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
L
T
T
-
s
tr
o
P
h
t
o
B
(
)
s
t
u
p
n
I
l
e
v
e
L
E
C R
= E
C L
V
= H
I
M
E
S
R
=
M
E
S
L
V
= H
I
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
5
2
0
2
5
3
0
3
0
2
5
1
0
3
5
2
6
1
3
1
0
3
5
2
A
m
D
N
IS
L
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
2
5
1
5
4
0
4
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
A
m
I 2
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
L
T
T
-
tr
o
P
e
n
O
(
)
s
t
u
p
n
I
l
e
v
e
L
E
C L
r
o
E
C R
V
= H
I
,
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
tr
o
P
e
v
it
c
A
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
5
8
0
8
0
2
1
0
1
1
0
8
5
7
0
1
1
0
0
1
5
7
2
7
0
1
1
5
9
A
m
D
N
IS
L
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
8
5
7
0
3
1
5
1
1
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
A
m
I 3
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
ll
u
F
-
s
tr
o
P
h
t
o
B
(
)
s
t
u
p
n
I
l
e
v
e
L
S
O
M
C
s
tr
o
P
h
t
o
B
E
C L
d
n
a
E
C R
> VDD
,
V
2
.
0
-
V N
I
> VDD
r
o
V
2
.
0
-
V N
I
<
0
=
f
,
V
2
.
0
)
4
(
M
E
S
R
=
M
E
S
L
> VDD
V
2
.
0
-
L
'
M
O
CS
L
0
.
1
2
.
0
5
5
.
2
0
.
1
2
.
0
5
5
.
2
0
.
1
2
.
0
5
5
.
2
A
m
D
N
IS
L
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
.
1
2
.
0
5
1
5
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
A
m
I 4
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
ll
u
F
-
tr
o
P
e
n
O
(
)
s
t
u
p
n
I
l
e
v
e
L
S
O
M
C
tr
o
P
e
n
O
E
C L
r
o
E
C R
> VDD
V
2
.
0
-
M
E
S
R
=
M
E
S
L
> VDD
V
2
.
0
-
V N
I
> VDD
V
r
o
V
2
.
0
-
N
I
<
V
2
.
0
,
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
tr
o
P
e
v
it
c
A
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
5
8
0
8
5
2
1
5
0
1
0
8
5
7
5
1
1
0
0
1
5
7
0
7
5
0
1
0
9
A
m
D
N
IS
L
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
8
5
7
0
3
1
5
1
1
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
A
m
a
9
0
l
b
t
1
4
9
2
5
3
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
5
5
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
Tn
o
i
s
r
e
V.
p
y
T
)
2
(
.
x
a
M.
p
y
T
)
2
(
.
x
a
Mti
n
U
IDD
g
n
it
a
r
e
p
O
c
i
m
a
n
y
D
t
n
e
rr
u
C
)
e
v
it
c
A
s
tr
o
P
h
t
o
B
(
E
C
V
= LI
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
,
M
E
S
V
= H
I
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
0
2
1
5
1
1
0
8
1
5
5
1
0
2
1
5
1
1
0
8
1
5
5
1
A
m
D
N
IS
L
0
2
1
5
1
1
0
0
2
0
7
1
0
2
1
5
1
1
0
0
2
0
7
1
A
m
I 1
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
L
T
T
-
s
tr
o
P
h
t
o
B
(
)
s
t
u
p
n
I
l
e
v
e
L
E
C R
= E
C L
V
= H
I
M
E
S
R
=
M
E
S
L
V
= H
I
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
3
1
1
1
5
2
0
2
3
1
1
1
5
2
0
2
A
m
D
N
IS
L
3
1
1
1
0
4
5
3
3
1
1
1
0
4
5
3
A
m
I 2
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
L
T
T
-
tr
o
P
e
n
O
(
)
s
t
u
p
n
I
l
e
v
e
L
E
C L
r
o
E
C R
V
= H
I
,
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
tr
o
P
e
v
it
c
A
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
0
7
5
6
0
0
1
0
9
0
7
5
6
0
0
1
0
9
A
m
D
N
IS
L
0
7
5
6
0
2
1
5
0
1
0
7
5
6
0
2
1
5
0
1
A
m
I 3
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
ll
u
F
-
s
tr
o
P
h
t
o
B
(
)
s
t
u
p
n
I
l
e
v
e
L
S
O
M
C
s
tr
o
P
h
t
o
B
E
C L
d
n
a
E
C R
> VDD
,
V
2
.
0
-
V N
I
> VDD
r
o
V
2
.
0
-
V N
I
<
0
=
f
,
V
2
.
0
)
4
(
M
E
S
R
=
M
E
S
L
> VDD
V
2
.
0
-
L
'
M
O
CS
L
0
.
1
2
.
0
5
5
.
2
0
.
1
2
.
0
5
5
.
2
A
m
D
N
IS
L
0
.
1
2
.
0
5
1
5
0
.
1
2
.
0
5
1
5
A
m
I 4
B
S
t
n
e
rr
u
C
y
b
d
n
a
t
S
ll
u
F
-
tr
o
P
e
n
O
(
)
s
t
u
p
n
I
l
e
v
e
L
S
O
M
C
tr
o
P
e
n
O
E
C L
r
o
E
C R
> VDD
V
2
.
0
-
M
E
S
R
=
M
E
S
L
> VDD
V
2
.
0
-
V N
I
> VDD
V
r
o
V
2
.
0
-
N
I
<
V
2
.
0
,
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O
tr
o
P
e
v
it
c
A
f
=
f
X
A
M
)
3
(
L
'
M
O
CS
L
5
6
0
6
0
0
1
5
8
5
6
0
6
0
0
1
5
8
A
m
D
N
IS
L
5
6
0
6
5
1
1
0
0
1
5
6
0
6
5
1
1
0
0
1
A
m
b
9
0
l
b
t
1
4
9
2


Similar Part No. - 70V05L25JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05L25JGI IDT-70V05L25JGI Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05L25JGI8 IDT-70V05L25JGI8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05L25JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com