Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSW-0513 Datasheet(PDF) 2 Page - Level One

Part # FSW-0513
Description  Simple Plug and Play installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FSW-0513 Datasheet(HTML) 2 Page - Level One

  FSW-0513 Datasheet HTML 1Page - Level One FSW-0513 Datasheet HTML 2Page - Level One FSW-0513 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
3
Ethernet Switches
LED Indicators
Power, Uplink, LAN 1~4 port, PoE 1~4 port
Power Input
56V / 2.15A
Power Consumption
120W
Dimensions (L x W x H)
120 x 90 x 28mm
Weight
0.8kg
Temperature
Operating: 0~45 Degree °C
Storage: -40~70 Degree °C
Humidity
Operating: 10~90% (Non-condensing)
Storage: 10~90% (Non-condensing)
Certifications
FCC, CE
Technical Specifications
Standards
IEEE 802.3
10-BASE-T (Ethernet)
IEEE 802.3u
100-BASE-TX (Fast Ethernet)
IEEE 802.3x
Flow Control (full-duplex flow control)
Features
MAC Address: 1K
Buffer Memory: 48KB
Transmission Method: Store and Forward
Backplane: 1Gbps
Filtering/Forwarding Rates
100Mbps port-148,000pps
10Mbps port-14,880pps
Transmission Media
10Base T Cat. 3, 4, 5 UTP/STP
100Base TX Cat. 5 UTP/STP
Network Interface
4 x 10/100Mbps RJ-45 PoE Ports
1 x 10/100Mbps RJ-45 Uplink Port
PoE Spec
PoE Compatible: IEEE 802.3af Power over Ethernet / PSE
PoE over current protection
PoE circuit sorting protection
PoE Power Output: Per Port 52V DC, Max. 52W (High Power)
Power Budget: Max. 120W
Power Pin Assignment: 4/5(+), 7/8(-)
Product Diagram
Port 1 Port 2 Port 3 Port 4 Enable Port
52W
OFF
OFF
OFF
1 port
52W
52W
OFF
OFF
2 Ports
40W
40W
40W
OFF
3 Ports
30W
30W
30W
30W
4 Ports
Enable PoE on
PoE output Power
PoE output Power
PoE output Power
PoE output Power
FSW-0513 (-Z) output power table list
Ethernet Cable (RJ-45)
PoE
POR-1100
FSW-0513 (-Z)
100m
100m
FCS-5011
POR-1100
POM-1100
FCS-1091
BOH-1200
+
+
100m
100m
52W
POR-1100
POR-1100
POR-1100
100m
100m
POR-1100
POR-1100
POR-1100
100m
100m
100m
100m
Note: These distances are typical results when used with 18~19Ω 24 AWG Cat.5 Cable


Similar Part No. - FSW-0513

ManufacturerPart #DatasheetDescription
logo
Level One
FSW-0511 LVL1-FSW-0511 Datasheet
746Kb / 4P
   Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FSW-0511 LVL1-FSW-0511 Datasheet
695Kb / 3P
   8 FE PoE plus 8 FE Web Smart Switch
FSW-0511 LVL1-FSW-0511 Datasheet
631Kb / 2P
   24-Port 10/100 Rackmount Switch
FSW-0512 LVL1-FSW-0512 Datasheet
101Kb / 2P
   5-Port 10/100 PD Switch
FSW-0512 LVL1-FSW-0512 Datasheet
695Kb / 3P
   8 FE PoE plus 8 FE Web Smart Switch
More results

Similar Description - FSW-0513

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
logo
Visual Communications C...
5400 VCC-5400 Datasheet
269Kb / 2P
   Simple and fast installation
logo
A-Data Technology
UC360 A-DATA-UC360 Datasheet
747Kb / 2P
   Simple driver-less plug n play
SV620H A-DATA-SV620H Datasheet
458Kb / 2P
   Simple driver-less plug n play
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
   Simple installation
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
   Plug and play system evaluation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com