Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJL8205 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJL8205
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJL8205 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJL8205 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8205 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8205 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8205 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJL8205 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERICTISCS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
19
V
Zero gate voltage drain current
IDSS
VDS =18V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.
5
0.9
V
Drain-source on-resistance (note 3)
RDS(on)
VGS =4.5V, ID =6A
2
5
mΩ
VGS =2.5V, ID =5A
3
2
mΩ
Forward tranconductance (note 3)
gFS
VDS =5V, ID =4.5A
10
S
Diode forward voltage (note 3)
VSD
IS=1.25A, VGS = 0V
1.2
V
DYNAMIC CHARACTERICTISCS (note4)
Input Capacitance
Ciss
VDS =8V,VGS =0V,f =1MHz
800
pF
Output Capacitance
Coss
155
pF
Reverse Transfer Capacitance
Crss
125
pF
SWITCHING CHARACTERICTISCS (note 4)
Turn-on delay time
td(on)
VDD=10V,VGS=4V,
ID=1A,RGEN=10Ω
18
ns
Turn-on rise time
tr
5
ns
Turn-off delay time
td(off)
43
ns
Turn-off fall time
tf
20
ns
Total Gate Charge
Qg
VDS =10V,VGS =4.5V,ID=4A
11
nC
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
2.5
nC
Notes :
1.Repetitive rating:Pluse width limited by maximum junction temperature
2.Surface Mounted on FR4 board,t≤10 sec.
3. Pulse test : Pulse width≤300μs, duty cycle≤2%.
4. Guaranteed by design, not subject to production.
unless otherwise specified
a
T =25
www.cj-elec.com
2
A-2,May,2015


Similar Part No. - CJL8205

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJL818C ZPSEMI-CJL818C Datasheet
1Mb / 2P
   TRANSISTOR (PNP)
CJL8810 ZPSEMI-CJL8810 Datasheet
1Mb / 3P
   D ual N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJL8810 JIANGSU-CJL8810 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
ZP Semiconductor
CJL8820 ZPSEMI-CJL8820 Datasheet
1Mb / 3P
   D ual N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJL8820 JIANGSU-CJL8820 Datasheet
748Kb / 5P
   Dual N-Channel MOSFET
More results

Similar Description - CJL8205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com