Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJMNP517 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJMNP517
Description  N Channel P Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJMNP517 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJMNP517 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNP517 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNP517 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNP517 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNP517 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNP517 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
N-ch MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
12
V
Zero gate voltage drain current
IDSS
VDS =16V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
±100
nA
Gate threshold voltage (note 2)
VGS(th)
VDS =VGS, ID =250µA
0.5
1
V
Drain-source on-resistance(note 2)
RDS(on)
VGS =10V, ID =6A
24
mΩ
VGS =4.5V, ID =5A
27
mΩ
VGS =2.5V, ID =4A
42
mΩ
VGS =1.8V, ID =2A
74
mΩ
Forward tranconductance(note 2)
gFS
VDS =5V, ID =3.8A
4
S
Diode forward voltage
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f =1MHz
630
pF
Output Capacitance
Coss
164
pF
Reverse Transfer Capacitance
Crss
137
pF
SWITCHING CHARACTERISTICS (note 3,4)
Turn-on delay time
td(on)
VGS=5V,VDS=10V,
RGEN=6Ω,RL=1.7Ω
5.5
ns
Turn-on rise time
tr
14
ns
Turn-off delay time
td(off)
29
ns
Turn-off fall time
tf
10.2
ns
Total Gate Charge
Qg
VDS=10V,ID=6A,
VGS=10V
12
nC
Gate-Source Charge
Qgs
1
nC
Gate-Drain Charge
Qgd
2
nC
P-ch MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-12
V
Zero gate voltage drain current
IDSS
VDS =-8V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±8V, VDS = 0V
±100
nA
Gate threshold voltage (note 2)
VGS(th)
VDS =VGS, ID =-250µA
-0.5
-0.9
V
Drain-source on-resistance(note 2)
RDS(on)
VGS =-4.5V, ID =-3.5A
45
mΩ
VGS =-2.5V, ID =-3A
60
mΩ
VGS =-1.8V, ID =-2A
90
mΩ
Forward tranconductance(note 2)
gFS
VDS =-5V, ID =-4.1A
6
S
Diode forward voltage
VSD
IS=-3.3A, VGS = 0V
-1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
VDS =-4V,VGS =0V,f =1MHz
740
pF
Output Capacitance
Coss
290
pF
Reverse Transfer Capacitance
Crss
190
pF
SWITCHING CHARACTERISTICS (note 3,4)
Turn-on delay time
td(on)
VGEN=-4.5V,VDD=-4V,
ID=-3.3A,RG=1Ω
RL=1.2Ω
20
ns
Turn-on rise time
tr
53
ns
Turn-off delay time
td(off)
48
ns
Turn-off fall time
tf
20
ns
Total Gate Charge
Qg
VDS=-4V,ID=-4.1A,
VGS=-2.5V
9
nC
Gate-Source Charge
Qgs
1.2
nC
Gate-Drain Charge
Qgd
1.6
nC
Notes :
1.Surface mounted on FR4 board using the minimum recommended pad size.
2. Pulse Test : Pulse width=300μs, duty cycle≤2%.
3. Switching characteristics are independent of operating junction temperature.
4. Graranted by design,not subject to producting.
www.cj-elec.com
2
A-1,Feb,2015


Similar Part No. - CJMNP517

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJMN2012 JIANGSU-CJMN2012 Datasheet
1Mb / 5P
   N-Channel MOSFET
CJMNT31 JIANGSU-CJMNT31 Datasheet
955Kb / 6P
   PNP Power Transistor with N-MOSFET
CJMNT32 JIANGSU-CJMNT32 Datasheet
948Kb / 6P
   PNP Power Transistor with N-MOSFET
CJMNT32-W JIANGSU-CJMNT32-W Datasheet
1Mb / 5P
   PNP Power Transistor with N-MOSFET
CJMNT33 JIANGSU-CJMNT33 Datasheet
914Kb / 6P
   PNP Power Transistor with N-MOSFET
More results

Similar Description - CJMNP517

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Jiangsu Changjiang Elec...
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
   N channelP Channel MOSFET
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
   N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4614 JIANGSU-CJQ4614 Datasheet
890Kb / 6P
   N Channel P Channel Mosfet
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
   N Channel P Channel Mosfet
CJM7201 JIANGSU-CJM7201 Datasheet
1Mb / 6P
   N-Channel P-Channel MOSFET
logo
Shanghai Leiditech Elec...
LM3439 LEIDITECH-LM3439 Datasheet
597Kb / 5P
   N channelP Channel MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
   N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
   N P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com