Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL-2000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCTL-2000
Description  Quadrature Decoder/Counter Interface ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL-2000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCTL-2000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCTL-2000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Inhibit Logic
The Inhibit Logic Section samples
the OE and SEL signals on the
falling edge of the clock and, in
response to certain conditions
(see Figure 10 below), inhibits
the position data latch. The RST
signal asynchronously clears the
inhibit logic, enabling the latch. A
simplified logic diagram of the
inhibit circuitry is illustrated in
Figure 11.
Bus Interface
The bus interface section consists
of a 16 to 8 line multiplexer and
an 8-bit, three-state output
buffer. The multiplexer allows
independent access to the low
and high bytes of the position
data latch. The SEL and OE
signals determine which byte is
output and whether or not the
output bus is in the high-Z state.
In the case of the HCTL-2000 the
data latch is only 12 bits wide
and the upper four bits of the
high byte are internally set to
zero.
Quadrature Decoder
Output (HCTL-2020
Only)
The quadrature decoder output
section consists of count and up/
down outputs derived from the
4X decode logic of the HCTL-
2020. When the decoder has
detected a count, a pulse, one-
half clock cycle long, will be
output on the CNTDCDR pin. This
output will occur during the clock
cycle in which the internal
counter is updated. The U/D pin
will be set to the proper voltage
level one clock cycle before the
rising edge of the CNTDCDR
pulse, and held one clock cycle
after the rising edge of the
CNTDCDR pulse. These outputs
are not affected by the inhibit
logic. See Figures 5 and 12 for
detailed timing.
Cascade Output (HCTL-
2020 Only)
The cascade output also consists
of count and up/down outputs.
When the HCTL-2020 internal
counter overflows or underflows,
a pulse, one-half clock cycle long,
will be output on the CNTCAS pin.
This output will occur during the
clock cycle in which the internal
counter is updated. The U/D pin
will be set to the proper voltage
level one clock cycle before the
rising edge of the CNTCAS pulse,
and held one clock cycle after the
rising edge of the CNTCAS pulse.
These outputs are not affected by
the inhibit logic. See Figures 5
and 12 for detailed timing.
Figure 11. Simplified Inhibit Logic.
Inhibit
Step SEL
OE CLK
Signal
Action
1
L
L
1
Set inhibit; read high byte
2
H
L
1
Read low byte; starts reset
3
X
H
0
Completes inhibit logic reset
Figure 10. Two Byte Read Sequence.


Similar Part No. - HCTL-2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
   Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2000 AVAGO-HCTL-2000 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
More results

Similar Description - HCTL-2000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
   Quadrature Decoder/ Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
   Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2001-A00 AVAGO-HCTL-2001-A00 Datasheet
220Kb / 16P
   Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
   Surface Mount Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com