Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1-40PA-2.54DSA Datasheet(PDF) 8 Page - Hirose Electric

Part # A1-40PA-2.54DSA
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-40PA-2.54DSA Datasheet(HTML) 8 Page - Hirose Electric

  A1-40PA-2.54DSA Datasheet HTML 1Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 2Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 3Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 4Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 5Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 6Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 7Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
C9
A1 and A2 Series
2.54mm Pitch High Density Connector
■ Short Pin
■ Performance
Part Number
HIF3GA-2.54SP
CL No.
RoHS
562-0403-4
YES
Item
Contact Resistance
Insulation Resistance
Current rating
Rating Value
30m ohms max. at 0.1A DC
1000M ohms min. at 500V DC
3A
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A1-40PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-40PA-2.54DSA HIROSE-A1-40PA-2.54DSA Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
More results

Similar Description - A1-40PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com