Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC8-DK Datasheet(PDF) 2 Page - CUI INC

Part # AC8-DK
Description  IEC C5 ac POWER cord, UK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AC8-DK Datasheet(HTML) 2 Page - CUI INC

  AC8-DK Datasheet HTML 1Page - CUI INC AC8-DK Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
cui inc
│ model: AC8-DK │ description: IEC C5 AC POWER CORD, UK
date 09/17/2013
│ page 2 of 2
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
03/01/2008
1.01
added safety marks to spec
09/17/2013
The revision history provided is for informational purposes only and is believed to be accurate.
reVision History


Similar Part No. - AC8-DK

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
   IEC C5 AC POWER CORD, UK
10/25/2022
More results

Similar Description - AC8-DK

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
   IEC C5 AC POWER CORD, UK
10/25/2022
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
   IEC C5 AC POWER CORD, EUROPE
10/25/2022
logo
CUI INC
AC7-DK CUI-AC7-DK Datasheet
142Kb / 2P
   IEC C5 AC POWER CORD, europe
logo
Schurter Inc.
2530 SCHURTER-2530 Datasheet
360Kb / 2P
   Power Cord with IEC Connector C5, Straight
logo
Tripp Lite. All Rights ...
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
   Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
   IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
logo
Schurter Inc.
6052.0042 SCHURTER-6052.0042 Datasheet
153Kb / 2P
   EU Power Supply Cord with IEC Connector C5, straight
6052.0042 SCHURTER-6052.0042_V01 Datasheet
276Kb / 2P
   EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
6044.0215 SCHURTER-6044.0215 Datasheet
287Kb / 3P
   UK Power Supply Cord with IEC Connector C13, straight
logo
Tripp Lite. All Rights ...
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
   Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com