Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB06TB120 Datasheet(PDF) 2 Page - International Rectifier

Part # HFB06TB120
Description  Ultrafast, Soft Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB06TB120 Datasheet(HTML) 2 Page - International Rectifier

  HFB06TB120 Datasheet HTML 1Page - International Rectifier HFB06TB120 Datasheet HTML 2Page - International Rectifier HFB06TB120 Datasheet HTML 3Page - International Rectifier HFB06TB120 Datasheet HTML 4Page - International Rectifier HFB06TB120 Datasheet HTML 5Page - International Rectifier HFB06TB120 Datasheet HTML 6Page - International Rectifier HFB06TB120 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
2
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Thermal - Mechanical Characteristics
!
0.063 in. from Case (1.6mm) for 10 sec
"#
Typical Socket Mount
$
Mounting Surface, Flat, Smooth and Greased
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Tlead
LeadTemperature
––––
––––
300
°C
RthJC
Thermal Resistance, Junction to Case
––––
––––
2.0
RthJA
Thermal Resistance, Junction to Ambient
––––
––––
80
K/W
RthCS
Thermal Resistance, Case to Heat Sink
––––
0.5
––––
Wt
Weight
––––
2.0
––––
g
––––
0.07
––––
(oz)
MountingTorque
6.0
––––
12
Kg-cm
5.0
––––
10
lbf•in
Parameter
Min. Typ. Max. Units
Test Conditions
trr
ReverseRecoveryTime
–––
26
–––
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
–––
53
80
ns
TJ = 25°C
trr2
–––
87
130
TJ = 125°C
IF = 6.0A
IRRM1
Peak Recovery Current
–––
4.4
8.0
TJ = 25°C
IRRM2
–––
5.0
9.0
TJ = 125°C
VR = 200V
Qrr1
ReverseRecoveryCharge
–––
116
320
TJ = 25°C
Qrr2
–––
233
585
TJ = 125°C
dif/dt = 200A/µs
di(rec)M/dt1 Peak Rate of Recovery
–––
180
–––
TJ = 25°C
di(rec)M/dt2 Current During tb
–––
100
–––
TJ = 125°C
"
$
!
µA
A
nC
A/µs
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown
1200 ––– –––
V
IR = 100µA
Voltage
VFM
Max. Forward Voltage
–––
2.7
3.0
IF = 6.0A
–––
3.5
3.9
V
IF = 12A
–––
2.4
2.8
IF = 6.0A, TJ = 125°C
IRM
Max. Reverse Leakage Current
–––
0.26 5.0
VR = VR Rated
–––
110 500
TJ = 125°C, VR = 0.8 x VR RatedD R
CT
Junction Capacitance
–––
9.0
14
pF
VR = 200V Rated
LS
Series Inductance
–––
8.0 –––
nH
Measured lead to lead 5mm from pkg body


Similar Part No. - HFB06TB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB06TB120 VISHAY-HFB06TB120 Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFB06TB120 VISHAY-HFB06TB120 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
HFB06TB120PBF VISHAY-HFB06TB120PBF Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFB06TB120PBF VISHAY-HFB06TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
logo
International Rectifier
HFB06TB120STR IRF-HFB06TB120STR Datasheet
190Kb / 7P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB06TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com