Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG82FE308 Datasheet(PDF) 4 Page - Megawin Technology Co., Ltd

Part # MG82FE308
Description  Dual data pointer
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG82FE308 Datasheet(HTML) 4 Page - Megawin Technology Co., Ltd

  MG82FE308 Datasheet HTML 1Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 2Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 3Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 4Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 5Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 6Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 7Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 8Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4
MG82FEL308_316 Data Sheet
MEGAWIN
Operating Temperature:
Industrial (-40℃ to +85℃)*
Package Types:
LQFP64 (7mm X 7mm): MG82FE(L)316AD64
LQFP48: MG82FE(L)308AD48
*: Tested by sampling.


Similar Part No. - MG82FE308

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82F6D17 MEGAWIN-MG82F6D17 Datasheet
9Mb / 306P
   MG82F6D17
2021/04 version 1.00
MG82FX532AD MEGAWIN-MG82FX532AD Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AF MEGAWIN-MG82FX532AF Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AD MEGAWIN-MG82FX564AD Datasheet
2Mb / 151P
   Dual data pointer
More results

Similar Description - MG82FE308

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AE MEGAWIN-MG82FX564AE Datasheet
2Mb / 151P
   Dual data pointer
logo
Sensortechnics GmbH
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
   Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
   Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
   Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
   Laser Pointer
logo
Roithner LaserTechnik G...
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
   Blue Laser Pointer
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
   Violet Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com