Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-15S-1.25C Datasheet(PDF) 9 Page - Hirose Electric

Part # DF13-15S-1.25C
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-15S-1.25C Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF13-15S-1.25C Datasheet HTML 4Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 5Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 6Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 7Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 8Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 9Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 10Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 11Page - Hirose Electric DF13-15S-1.25C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
B250
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Crimp contact with cable
Part No.
HRS No.
Quantity
Finish
DF13-2630SF1571-26A9-300
536-9001-0 00
100pcs/Pack
Tin plating
DF13-2630SFA15711-26A9-300
Under development
100pcs/Pack
Gold plating
Note 1. Bag packaging (100pcs/pack). Order by number of packs.
Note 2. Please contact your local sales rep if you plan on using specification other than those listed above.
Wire size
26 : 26AWG
Crimp position / End processing
A : Both end crimped
B : One side crimped without end processing
S : One side crimped with striped end processing
Wire color
9 : White
0 : Black
Wire length
300 : 300mm
Part No. of adopted crimping contact
DF13-2630SF : DF13-2630SCF
DF13-2630SFA : DF13-2630SCFA(04)
Wire type
1571 : UL1571
DF13-2630SF 1571 - 26 A 9 - 300
1
2
3
4
6
5
2
1
3
5
6
4
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.


Similar Part No. - DF13-15S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-15S-1.25C HIROSE-DF13-15S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-15S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com